Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTC3631L Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTC3631L
Description  TRIPLE DIFFUSED PNP TRANSISTOR(HIGH VOLTAGE)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3631L Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTC3631L Datasheet HTML 1Page - KEC(Korea Electronics) KTC3631L Datasheet HTML 2Page - KEC(Korea Electronics) KTC3631L Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2003. 3. 27
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTC3631D/L
TRIPLE DIFFUSED NPN TRANSISTOR
Revision No : 4
HIGH VOLTAGE SWITCHING.
FEATURES
Low Collector Saturation Voltage
: VCE(sat)=0.5V(Max.) at (IC=0.5A).
High Switching Speed Typically.
: tf 0.4 S at IC=1A.
Complementary to KTA1862D.
Wide Safe Operating Area (SOA)
MAXIMUM RATING (Ta=25 )
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
2.70 0.2
2.30 0.1
1.00 MAX
2.30 0.2
0.5 0.1
2.00 0.20
0.50 0.10
E
0.91 0.10
M
0.90 0.1
O
A
C
I
J
H
F
F
P
L
12
3
1. BASE
2. COLLECTOR
3. EMITTER
1.00 0.10
P
0.95 MAX
Q
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : hFE(1) Classification O:56 120 , Y:82 180
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=400V, IE=0
-
-
1.0
A
Emitter Cut-off Current
IEBO
VEB=5.0V, IC=0
-
-
1.0
A
DC Current Gain
hFE(1) (Note)
VCE=5.0V, IC=100mA
56
100
180
hFE(2)
VCE=5.0V, IC=500mA
6
-
-
Collector Saturation Voltage
VCE(sat)
IC=500mA, IB=100mA
-
0.3
0.5
V
Base Saturation Voltage
VBE(sat)
IC=500mA, IB=100mA
-
-
1.2
V
Transition Frequency
fT
VCE=10V, IE=-100mA, f=5MHz
-
18
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
30
-
pF
Switching
Time
Turn-on Time
ton
IB1
150Ω
B1
I
CC
V
=150V
IB2
IB2
20µsec
I =-I
=0.2A
1%
B1
B2
OUTPUT
DUTY CYCLE
INPUT
<=
-
0.2
-
S
Storage Time
tstg
-
1.8
-
Fall Time
tf
-
0.4
-
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
400
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
7
V
Collector Current
DC
IC
2.0
A
Pulse
4.0
Collector Power
Dissipation
Ta=25
PC
1.0
W
Tc=25
10
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
DIM
MILLIMETERS
IPAK
H
F
F
C
A
P
L
I
J
123
A
B
C
D
E
F
G
H
I
J
L
P
Q
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
9.50 0.6
2.30 0.1
0.76 0.1
1.0 MAX
2.30 0.2
0.5 0.1
0.50 0.1
1.0 0.1
0.90 MAX
G
1. BASE
2. COLLECTOR
3. EMITTER
K
2.0 0.2
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_


Similar Part No. - KTC3631L

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3631D KEC-KTC3631D_15 Datasheet
835Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR
More results

Similar Description - KTC3631L

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1024 KEC-KTA1024 Datasheet
384Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR(HIGH VOLTAGE)
KTA1962A KEC-KTA1962A Datasheet
90Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB688 KEC-KTB688_15 Datasheet
48Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB1368 KEC-KTB1368_15 Datasheet
453Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTA1943A KEC-KTA1943A Datasheet
51Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB778 KEC-KTB778_15 Datasheet
58Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB1370 KEC-KTB1370_15 Datasheet
464Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTA1807D KEC-KTA1807D_15 Datasheet
409Kb / 4P
   TRIPLE DIFFUSED PNP TRANSISTOR
TIP36C KEC-TIP36C_15 Datasheet
306Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
TIP36CA KEC-TIP36CA_15 Datasheet
445Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com