Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2674 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2674
Description  PCB layout guidelines for SPEAr3xx
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2674 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2674 Datasheet HTML 1Page - STMicroelectronics AN2674 Datasheet HTML 2Page - STMicroelectronics AN2674 Datasheet HTML 3Page - STMicroelectronics AN2674 Datasheet HTML 4Page - STMicroelectronics AN2674 Datasheet HTML 5Page - STMicroelectronics AN2674 Datasheet HTML 6Page - STMicroelectronics AN2674 Datasheet HTML 7Page - STMicroelectronics AN2674 Datasheet HTML 8Page - STMicroelectronics AN2674 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
AN2674
Power integrity
Doc ID 14204 Rev 2
3/22
1
Power integrity
One of the most important requirements of a reliable high-speed memory interface, and
most commonly underestimated, is a low impedance, wide bandwidth power supply at the
power and ground balls of the devices. Achieving the necessary performance requires the
minimizing of all parasitic inductances found in power delivery and grounding connections,
exploiting various techniques to provide low impedance paths, and attention to controlling
plane resonances.
A solid unbroken ground plane located close to the high-speed devices in the PCB layer
stack is critical. The ground plane must not have large gaps anywhere in the area of the
interface. Be especially aware of overlapping anti-pads that can create an extended gap in
the internal plane layers.
A power plane closely spaced to the ground plane greatly aids the high-frequency
decoupling by providing a low inductance path between a capacitor and the device's power
balls.
All high-frequency decoupling capacitors should utilize a low-inductance layout.
1.1
PCB stack up
Stack up should include a closely spaced power/ground plane pair. A minimum of 6 layers is
necessary.
Recommendation:
Layer 1: signal
Layer 2: ground plane, unbroken
Layer 3: power plane/islands, signals
Layer 4: signal/power routing
Layer 5: ground plane, unbroken
Layer 6: signal
Dielectric thickness should be selected to support required signal trace characteristic
impedances and power plane capacitance/inductance. Resonance analysis should be
performed on all plane cavities.
1.2
Via padstack
Via padstack dimensions should support density requirements. Anti-pad diameter should be
small enough to allow an adequate copper web between clearance holes of adjacent vias,
and still meet PCB fabrication tolerances.
1.3
Part orientation and placement
The DRAM placement and orientation should be given priority over other unassociated
components in order to minimize trace lengths. Closely following the signal trace routing
guidelines allows trace lengths to be reduced.


Similar Part No. - AN2674

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2675 STMICROELECTRONICS-AN2675 Datasheet
257Kb / 24P
   STR91xFA in-application programming
AN2678 STMICROELECTRONICS-AN2678 Datasheet
220Kb / 16P
   Extremely accurate timekeeping over
AN2679 STMICROELECTRONICS-AN2679 Datasheet
224Kb / 16P
   Smart inductive proximity switch
More results

Similar Description - AN2674

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2797 STMICROELECTRONICS-AN2797 Datasheet
421Kb / 23P
   PCB layout guidelines for SPEAr600
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
NXP Semiconductors
AN10778 PHILIPS-AN10778 Datasheet
280Kb / 14P
   PCB layout guidelines for NXP MCUs in BGA packages
Rev. 2-15 April 2011
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
   Si477X LAYOUT GUIDELINES
logo
Fairchild Semiconductor
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
logo
Texas Instruments
TLV320AIC24 TI-TLV320AIC24 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
logo
STMicroelectronics
AN3317 STMICROELECTRONICS-AN3317 Datasheet
257Kb / 22P
   PCB guidelines for SPEAr1340
logo
Silicon Laboratories
AN400 SILABS-AN400 Datasheet
1Mb / 20P
   Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN383 SILABS-AN383 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Rosenberger Hochfrequen...
MB-522 ROSENBERGER-MB-522 Datasheet
172Kb / 2P
   Leiterplatten-Layout PCB Layout
21.08.2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com