Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2703 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2703
Description  All datasheet parameters are rated as minimum or maximum values
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2703 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2703 Datasheet HTML 1Page - STMicroelectronics AN2703 Datasheet HTML 2Page - STMicroelectronics AN2703 Datasheet HTML 3Page - STMicroelectronics AN2703 Datasheet HTML 4Page - STMicroelectronics AN2703 Datasheet HTML 5Page - STMicroelectronics AN2703 Datasheet HTML 6Page - STMicroelectronics AN2703 Datasheet HTML 7Page - STMicroelectronics AN2703 Datasheet HTML 8Page - STMicroelectronics AN2703 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Parameters
AN2703
2/9
1
Parameters
Table 1.
Absolute ratings parameters
Parameter
Name and description
VDRM / VRRM
VRM
Repetitive peak off-state voltage (50-60 Hz)
This is the maximum peak voltage allowed across the device. This parameter is
specified up to the maximum junction temperature and the leakage currents,
IDRM / IRRM are specified under this value.
VDSM / VRSM
Non repetitive peak off-state voltage
This is the maximum peak voltage allowed under pulse conditions across the
device. It is specify for pulse durations lower or equal to 10ms.This parameter
guarantees the ruggedness of the TRIAC in case of fast line transients
exceeding the specified VDRM / VRRM value.
IT(RMS)
On-state rms current
This is the maximum rms current allowed in the device for a specified case
temperature (Tc), or ambient temperature (Ta) or lead temperature (Tl),
depending on the type of package.
IT(AV)
Average on-state current (SCR only)
This is the maximum average current allowed in the SCR at a specified case
temperature (Tc), or ambient temperature (Tamb) or lead temperature (Tl),
depending on the type of package
ITRM
Repetitive peak on-state current
This is the maximum allowable repetitive peak current for a specified pulse
duration at a specified case, ambient or lead temperature and frequency.
ITSM
Non repetitive surge peak on-state current
This is the maximum peak current allowed in the device under pulse conditions.
For TRIACs, it is defined for a single full cycle sine wave of 20 ms corresponding
to the 50 Hz mains, and 16.6 ms for the 60 Hz mains.
If the absolute rating is exceeded, the component may be damaged
dI/dt
Critical repetitive rate of rise of on-state current
During turn-on, the maximum rate of rise of current should not exceed this
maximum value. Above this limit, the SCR or TRIAC may be damaged
t
Value for fuse definition
To protect the device, the I²t rating of the fuse used in series with it must be
lower than this specified value.
This parameter is linked to the ITSM parameter as described below:
with tp the duration of full-cycle sinewave.
Tstg, Tj
Storage and operating junction temperatures
The storage temperature range is the range in which the device can be stored
(shipping, handling, storage...), without working.
The operating junction temperature range is the range at which the junction can
work without damage.
tp
2
I
i²t
2
TSM ´
=


Similar Part No. - AN2703

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN2700000707051B ETC2-AN2700000707051B Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
AN2700000707051F ETC2-AN2700000707051F Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
AN2700000707051K ETC2-AN2700000707051K Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
AN2700000707054B ETC2-AN2700000707054B Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
AN2700000707054F ETC2-AN2700000707054F Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
More results

Similar Description - AN2703

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1600R17KF6B2 EUPEC-FZ1600R17KF6B2 Datasheet
90Kb / 8P
   Hochstzulassige Werte / Maximum rated values
logo
Infineon Technologies A...
FS50R12KE3 INFINEON-FS50R12KE3 Datasheet
185Kb / 10P
   H철chstzul채ssige Werte / maximum rated values
2002-09-03
FS30R06XL4 INFINEON-FS30R06XL4 Datasheet
239Kb / 10P
   H철chstzul채ssige Werte / maximum rated values
2002-12-17 revision:2.0
logo
eupec GmbH
BSM50GP60 EUPEC-BSM50GP60 Datasheet
135Kb / 12P
   Hochstzulassige Werte / Maximum rated values
BSM35GD120DLC EUPEC-BSM35GD120DLC Datasheet
97Kb / 8P
   IGBT-Module Maximum rated values
FZ1200R33KL2 EUPEC-FZ1200R33KL2 Datasheet
164Kb / 9P
   Hochstzulassige Werte / Maximum rated values
FZ1200R12KE3 EUPEC-FZ1200R12KE3 Datasheet
205Kb / 9P
   Hochstzulassige Werte / maximum rated values
FZ1200R17KF6B2 EUPEC-FZ1200R17KF6B2 Datasheet
90Kb / 8P
   Hochstzulassige Werte / Maximum rated values
FZ1200R17KF6CB2 EUPEC-FZ1200R17KF6CB2 Datasheet
174Kb / 9P
   Hochstzulassige Werte / Maximum rated values
FZ1200R33KF2-B5 EUPEC-FZ1200R33KF2-B5 Datasheet
186Kb / 9P
   Hochstzulassige Werte / Maximum rated values
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com