Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2719 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2719
Description  Precision improvement techniques
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2719 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2719 Datasheet HTML 3Page - STMicroelectronics AN2719 Datasheet HTML 4Page - STMicroelectronics AN2719 Datasheet HTML 5Page - STMicroelectronics AN2719 Datasheet HTML 6Page - STMicroelectronics AN2719 Datasheet HTML 7Page - STMicroelectronics AN2719 Datasheet HTML 8Page - STMicroelectronics AN2719 Datasheet HTML 9Page - STMicroelectronics AN2719 Datasheet HTML 10Page - STMicroelectronics AN2719 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
AN2719
STM8 ADC internal hardware
7/22
1.2
ADC clock
The ADC is driven by a clock derived from the MCU master clock through a programmable
divider. This allows you to select the ADC clock speed according to your application
requirements. The conversion and sampling speed depends on ADC clock. Each
conversion step (described in Figure 4 to Figure 6 ) is performed in one ADC clock cycle - so
10-bit conversion takes 10 cycles. The sampling period is 3 clocks and the synchronisation
period takes 1 clock. The total conversion time is actually 14 cycles.
1.3
Reference voltage
The reference voltage is either internally connected to analog power supply pins or
connected to external pins where you can connect a reference voltage source. This
reference voltage connection option depends on the given STM8 package and STM8 device
type. The reference voltage has big influence to ADC precision, therefore care must be
taken with it in the application design (stability, noise, ...).
1.4
Multiplexer
The ADC has an input multiplexer which is used to select one of the STM8 input pins as the
analog input to the ADC.


Similar Part No. - AN2719

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2710 STMICROELECTRONICS-AN2710 Datasheet
313Kb / 30P
   Safe GPIO port configuration in STR7xx devices
AN2711 STMICROELECTRONICS-AN2711 Datasheet
1Mb / 36P
   The cost of power LEDs is rapidly decreasing
AN2713 STMICROELECTRONICS-AN2713 Datasheet
1Mb / 40P
   LNB power supply based on the LNBH23 supply
AN2715 STMICROELECTRONICS-AN2715 Datasheet
182Kb / 12P
   IBIS models for signal integrity simulation of SPEAr600 applications
AN2716 STMICROELECTRONICS-AN2716 Datasheet
1Mb / 28P
   STCC08 application guidelines
More results

Similar Description - AN2719

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2025 STMICROELECTRONICS-AN2025 Datasheet
154Kb / 11P
   Converter Improvement Using
logo
NXP Semiconductors
TDA4560 PHILIPS-TDA4560 Datasheet
67Kb / 9P
   Colour transient improvement circuit
March 1985
TDA4565 PHILIPS-TDA4565 Datasheet
77Kb / 11P
   Colour transient improvement circuit
November 1989
TDA4566 PHILIPS-TDA4566 Datasheet
78Kb / 11P
   Colour transient improvement circuit
March 1991
TDA9177 PHILIPS-TDA9177 Datasheet
235Kb / 28P
   YUV transient improvement processor
1997 Dec 01
logo
Infineon Technologies A...
TLE9371VSJ INFINEON-TLE9371VSJ Datasheet
994Kb / 35P
   CAN signal improvement transceiver
1.0 2023-02-28
logo
List of Unclassifed Man...
AN165 ETC1-AN165 Datasheet
36Kb / 3P
   EMI REDUCTION TECHNIQUES
logo
NXP Semiconductors
TDA4671 PHILIPS-TDA4671 Datasheet
152Kb / 16P
   Picture Signal Improvement PSI circuit
1996 Dec 11
logo
National Semiconductor ...
LB-9 NSC-LB-9 Datasheet
73Kb / 3P
   Universal Balancing Techniques
logo
NXP Semiconductors
TDA9176 PHILIPS-TDA9176 Datasheet
91Kb / 16P
   Luminance Transient Improvement LTI IC
1996 Jan 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com