Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2859 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2859
Description  Multiplexed diagnostics of AC switches using two STCC08
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2859 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2859 Datasheet HTML 1Page - STMicroelectronics AN2859 Datasheet HTML 2Page - STMicroelectronics AN2859 Datasheet HTML 3Page - STMicroelectronics AN2859 Datasheet HTML 4Page - STMicroelectronics AN2859 Datasheet HTML 5Page - STMicroelectronics AN2859 Datasheet HTML 6Page - STMicroelectronics AN2859 Datasheet HTML 7Page - STMicroelectronics AN2859 Datasheet HTML 8Page - STMicroelectronics AN2859 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
DocID15255 Rev 2
5/29
AN2859
Multiplexed diagnostics
29
Figure 5. Case 3: VSTATE = V1 (except at each zero crossing of the AC line)
Figure 6. Case 4: VSTATE = V2 (except at each zero crossing of the AC line)
V2
V1
V0
I
Load_1
I
Load_2
VCC
VCC
R1
R2
R3
R4
V
AVF2
V
AVF1
AVF
AVF
AC
AC
RAC
VCC/COM
ACS2
ACS1
Load1
Line
Load2
Line
I
Load_2
I
Load_1
RShunt
RAC
RShunt
V
AC
V
AC
VSTATE
STCC082
STCC081
V3
IN2
IN1
G
G
VAC
VAC
ACS1 is in conducting state and ACS2 is not in conducting state
V
/COM
CC
VSTATE
V2
V1
V0
ILoad_1
ILoad_2
VCC
VCC
R1
R2
R3
R4
VSTATE
VAVF2
VAVF1
AVF
AVF
AC
AC
V
/COM
CC
RAC
V
/COM
CC
ACS2
ACS1
Load1
Line
Load2
Line
ILoad_2
ILoad_1
RShunt
RAC
RShunt
VAC
VAC
VSTATE
STCC082
STCC081
V3
IN2
IN1
G
G
VAC
VAC
ACS1 is not in conducting state and ACS2 is in conducting state


Similar Part No. - AN2859

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2852 STMICROELECTRONICS-AN2852 Datasheet
1Mb / 35P
   This document describes the characteristics and performance of a 90 W wide range input
AN2855 STMICROELECTRONICS-AN2855 Datasheet
103Kb / 8P
   Configuration for single-click
AN2857 STMICROELECTRONICS-AN2857 Datasheet
274Kb / 31P
   STM8S and STM8A family power management
More results

Similar Description - AN2859

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3241Q DIODES-AH3241Q Datasheet
1Mb / 19P
   TWO-WIRE AUTOMOTIVE HALL SWITCHES INTEGRATED SELF-DIAGNOSTICS
November 2022 Rev. 5 - 2
logo
Allegro MicroSystems
A1130 ALLEGRO-A1130 Datasheet
980Kb / 24P
   Two-Wire Unipolar Vertical Hall-Effect Switches with Advanced Diagnostics
3054 ALLEGRO-3054 Datasheet
87Kb / 12P
   MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs
logo
STMicroelectronics
AN2716 STMICROELECTRONICS-AN2716 Datasheet
1Mb / 28P
   STCC08 application guidelines
logo
Allegro MicroSystems
3055 ALLEGRO-3055 Datasheet
111Kb / 8P
   MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs
logo
STMicroelectronics
AN4300 STMICROELECTRONICS-AN4300 Datasheet
2Mb / 40P
   Advanced light control and diagnostics using
logo
Allegro MicroSystems
APS11800 ALLEGRO-APS11800 Datasheet
1Mb / 19P
   Two-Wire Hall-Effect Switch with Advanced Diagnostics
March 24, 2020
logo
Sipex Corporation
SP8542 SIPEX-SP8542 Datasheet
219Kb / 16P
   Two and Four Channel 12-Bit Multiplexed Sampling ADCs
logo
Allegro MicroSystems
APS12800 ALLEGRO-APS12800 Datasheet
1Mb / 18P
   Two-Wire Hall-Effect Latch with Advanced Diagnostics
March 24, 2020
logo
Maxim Integrated Produc...
MAX14805 MAXIM-MAX14805 Datasheet
1Mb / 14P
   16-Channel (Two Banks of 8-Channel), High-Voltage Analog Switches
Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com