Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA16163T Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HA16163T
Description  Synchronous Phase Shift Full-Bridge Control IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16163T Datasheet(HTML) 3 Page - Renesas Technology Corp

  HA16163T_15 Datasheet HTML 1Page - Renesas Technology Corp HA16163T_15 Datasheet HTML 2Page - Renesas Technology Corp HA16163T_15 Datasheet HTML 3Page - Renesas Technology Corp HA16163T_15 Datasheet HTML 4Page - Renesas Technology Corp HA16163T_15 Datasheet HTML 5Page - Renesas Technology Corp HA16163T_15 Datasheet HTML 6Page - Renesas Technology Corp HA16163T_15 Datasheet HTML 7Page - Renesas Technology Corp HA16163T_15 Datasheet HTML 8Page - Renesas Technology Corp HA16163T_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
REJ03F0001-0600 Rev.6.00 Jul 01, 2008
Page 1 of 29
HA16163T
Synchronous Phase Shift Full-Bridge Control IC
REJ03F0001-0600
Rev.6.00
Jul 01, 2008
Features
• High frequency operation; oscillator frequency = 2 MHz max.
• Full-bridge phase-shift switching circuit with adjustable delay times
• Integrated secondary synchronous rectification control with adjustable delay times
• Three-level over current protection; pulse by pulse, timer Latch, one shot OCP
• Package: TSSOP-20
Application
• 48 V input isolated DC/DC converter
• Primary; Full-bridge circuit topology
• Secondary; current doubler or center-tapped rectification
Illustrative Circuit
GND
RT
SYNC
SS
REMOTE
DELAY
-1
DELAY
-2
DELAY
-3
VREF
VCC
Vbias
OUT
-A
OUT
-B
CS
RAMP
OUT
-C
OUT
-D
OUT
-F
OUT
-E
FET
Driver
FET
Driver
FET
Driver
FET
Driver
FET Driver
Optical feedback circuitry
+48V
+
FB
COMP
FET Driver


Similar Part No. - HA16163T_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16163T RENESAS-HA16163T_08 Datasheet
329Kb / 30P
   Synchronous Phase Shift Full-Bridge Control IC
More results

Similar Description - HA16163T_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16163T RENESAS-HA16163T Datasheet
294Kb / 30P
   Synchronous Phase Shift Full-Bridge Control IC
HA16163T RENESAS-HA16163T_08 Datasheet
329Kb / 30P
   Synchronous Phase Shift Full-Bridge Control IC
R2A20121SP RENESAS-R2A20121SP Datasheet
291Kb / 28P
   Synchronous Phase Shift Full-Bridge Control IC
R2A20124AFP RENESAS-R2A20124AFP_11 Datasheet
153Kb / 13P
   Synchronous Phase Shift Full-Bridge Control IC Series
R2A20124AFP RENESAS-R2A20124AFP Datasheet
150Kb / 13P
   Synchronous Phase Shift Full-Bridge Control IC Series
logo
Linear Technology
LTC1922-1 LINER-LTC1922-1_15 Datasheet
314Kb / 24P
   Synchronous Phase Modulated Full-Bridge Controller
logo
Texas Instruments
TPS68000 TI1-TPS68000_13 Datasheet
629Kb / 26P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
TPS68000 TI-TPS68000 Datasheet
337Kb / 13P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
logo
Linear Technology
LTC1922-1 LINER-LTC1922-1 Datasheet
308Kb / 24P
   Synchronous Phase Modulated Full-Bridge Controller
logo
NXP Semiconductors
UBA2037 NXP-UBA2037 Datasheet
83Kb / 14P
   Full bridge control IC for HID general lighting
Rev. 01-30 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com