Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC123AP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74HC123AP
Description  Dual Retriggerable Monostable Multivibrators (with Clear)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC123AP Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74HC123AP Datasheet HTML 1Page - Renesas Technology Corp HD74HC123AP Datasheet HTML 2Page - Renesas Technology Corp HD74HC123AP Datasheet HTML 3Page - Renesas Technology Corp HD74HC123AP Datasheet HTML 4Page - Renesas Technology Corp HD74HC123AP Datasheet HTML 5Page - Renesas Technology Corp HD74HC123AP Datasheet HTML 6Page - Renesas Technology Corp HD74HC123AP Datasheet HTML 7Page - Renesas Technology Corp HD74HC123AP Datasheet HTML 8Page - Renesas Technology Corp HD74HC123AP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Rev.2.00, Oct 11, 2005 page 1 of 8
HD74HC123A
Dual Retriggerable Monostable Multivibrators (with Clear)
REJ03D0564-0200
(Previous ADE-205-438)
Rev.2.00
Oct 11, 2005
Description
This multivibrator features both a negative, A, and a positive, B, transition triggered input, either of which can be used
as an inhibit input. Also included is a clear input that when taken low resets the one shot. The HD74HC123A can be
triggered on the positive transition of the clear while A is held low and B is held high.
The HD74HC123A is retriggerable. That is it may be triggered repeatedly while their outputs are generating a pulse
and the pulse will be extended.
Pulse width stability over a wide range of temperature. The output pulse equation is simply: tw = (Rext) (Cext).
Features
• High Speed Operation
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC123AP
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
HD74HC123AFPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Inputs
Outputs
Clear
A
B
Q
Q
L
X
X
L
H
X
H
X
L
H
X
X
L
L
H
H
L
H
H
L
H
Note:
External timing capacitance connects between Cext and Rext/Cext.
H :
High level
L :
Low level
X :
Irrelevant


Similar Part No. - HD74HC123AP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC123A HITACHI-HD74HC123A Datasheet
48Kb / 8P
   Dual Retriggerable Monostable Multivibrators (with Clear)
logo
Renesas Technology Corp
HD74HC123A RENESAS-HD74HC123A Datasheet
59Kb / 8P
   Dual Retriggerable Monostable Multivibrators (with Clear)
HD74HC123A RENESAS-HD74HC123A Datasheet
122Kb / 11P
   Old Company Name in Catalogs and Other Documents
More results

Similar Description - HD74HC123AP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS123 RENESAS-HD74LS123 Datasheet
90Kb / 9P
   Dual Retriggerable Monostable Multivibrators (with Clear)
HD74HC123A RENESAS-HD74HC123A Datasheet
59Kb / 8P
   Dual Retriggerable Monostable Multivibrators (with Clear)
logo
Hitachi Semiconductor
HD74HC123A HITACHI-HD74HC123A Datasheet
48Kb / 8P
   Dual Retriggerable Monostable Multivibrators (with Clear)
HD74LS123 HITACHI-HD74LS123 Datasheet
87Kb / 7P
   Dual Retriggerable Monostable Multivibrators(with Clear)
HD74LS122 HITACHI-HD74LS122 Datasheet
91Kb / 7P
   Retriggerable Monostable Multivibrators(with Clear)
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHC123A TI1-SN54AHC123A_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com