Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6558 Datasheet(PDF) 11 Page - Linear Technology

Part # LT6558
Description  Single Supply Triple Video Amplifi er with Input Bias Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6558 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6558_15 Datasheet HTML 4Page - Linear Technology LT6558_15 Datasheet HTML 5Page - Linear Technology LT6558_15 Datasheet HTML 6Page - Linear Technology LT6558_15 Datasheet HTML 7Page - Linear Technology LT6558_15 Datasheet HTML 8Page - Linear Technology LT6558_15 Datasheet HTML 9Page - Linear Technology LT6558_15 Datasheet HTML 10Page - Linear Technology LT6558_15 Datasheet HTML 11Page - Linear Technology LT6558_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LT6558
11
6558f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
DHC Package
16-Lead Plastic DFN (5mm × 3mm)
(Reference LTC DWG # 05-08-1706)
3.00
±0.10
(2 SIDES)
5.00
±0.10
(2 SIDES)
NOTE:
1. DRAWING PROPOSED TO BE MADE VARIATION OF VERSION (WJED-1) IN JEDEC
PACKAGE OUTLINE MO-229
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
0.40
± 0.10
BOTTOM VIEW—EXPOSED PAD
1.65
± 0.10
(2 SIDES)
0.75
±0.05
R = 0.115
TYP
R = 0.20
TYP
4.40
±0.10
(2 SIDES)
1
8
16
9
PIN 1
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DHC16) DFN 1103
0.25
± 0.05
PIN 1
NOTCH
0.50 BSC
4.40
±0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.65
±0.05
(2 SIDES)
2.20
±0.05
0.50 BSC
0.65
±0.05
3.50
±0.05
PACKAGE
OUTLINE
0.25
± 0.05
PACKAGE DESCRIPTION


Similar Part No. - LT6558_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6558CDHC LINER-LT6558CDHC Datasheet
209Kb / 12P
   550MHz, 2200V/關s Gain of 1, Single Supply Triple Video Amplifi er with Input Bias Control
LT6558CGN LINER-LT6558CGN Datasheet
209Kb / 12P
   550MHz, 2200V/關s Gain of 1, Single Supply Triple Video Amplifi er with Input Bias Control
LT6558IDHC LINER-LT6558IDHC Datasheet
209Kb / 12P
   550MHz, 2200V/關s Gain of 1, Single Supply Triple Video Amplifi er with Input Bias Control
LT6558IGN LINER-LT6558IGN Datasheet
209Kb / 12P
   550MHz, 2200V/關s Gain of 1, Single Supply Triple Video Amplifi er with Input Bias Control
More results

Similar Description - LT6558_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6557 LINER-LT6557_15 Datasheet
606Kb / 12P
   500MHz, 2200V/s Gain of 2, Single Supply Triple Video Amplifi er with Input Bias Control
LT6557 LINER-LT6557 Datasheet
600Kb / 12P
   500MHz, 2200V/關s Gain of 2, Single Supply Triple Video Amplifi er with Input Bias Control
LT6558 LINER-LT6558 Datasheet
209Kb / 12P
   550MHz, 2200V/關s Gain of 1, Single Supply Triple Video Amplifi er with Input Bias Control
logo
Analog Devices
AD626 AD-AD626_15 Datasheet
554Kb / 13P
   Low Cost, Single-Supply Differential Amplifi er
REV. D
AD626 AD-AD626_03 Datasheet
338Kb / 12P
   Low Cost, Single-Supply Differential Amplifi er
REV. D
AD626ANZ AD-AD626ANZ Datasheet
499Kb / 13P
   Low Cost, Single-Supply Differential Amplifi er
REV. D
logo
Linear Technology
LT1187 LINER-LT1187_15 Datasheet
420Kb / 16P
   Low Power Video Difference Amplifi er
LT1187 LINER-LT1187_06 Datasheet
410Kb / 16P
   Low Power Video Difference Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-684P8 AVAGO-MGA-684P8_15 Datasheet
136Kb / 10P
   Low Noise Active Bias Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-684P8 BOARDCOM-MGA-684P8 Datasheet
136Kb / 10P
   Low Noise Active Bias Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com