Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD74LVC74BTELL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RD74LVC74BTELL
Description  Dual D-type Flip Flops with Preset and Clear
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC74BTELL Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RD74LVC74BTELL Datasheet HTML 2Page - Renesas Technology Corp RD74LVC74BTELL Datasheet HTML 3Page - Renesas Technology Corp RD74LVC74BTELL Datasheet HTML 4Page - Renesas Technology Corp RD74LVC74BTELL Datasheet HTML 5Page - Renesas Technology Corp RD74LVC74BTELL Datasheet HTML 6Page - Renesas Technology Corp RD74LVC74BTELL Datasheet HTML 7Page - Renesas Technology Corp RD74LVC74BTELL Datasheet HTML 8Page - Renesas Technology Corp RD74LVC74BTELL Datasheet HTML 9Page - Renesas Technology Corp RD74LVC74BTELL Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
RD74LVC74B
Rev.1.00 Jun. 22, 2004 page 4 of 8
Electrical Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)
Min
Max
Unit
Test Conditions
1.65 to 1.95
VCC
×0.65 —
2.3 to 2.7
1.7
2.7 to 3.6
2.0
VIH
4.5 to 5.5
VCC
×0.7
V
1.65 to 1.95
VCC
×0.35
2.3 to 2.7
0.7
2.7 to 3.6
0.8
Input voltage
VIL
4.5 to 5.5
VCC
×0.3
V
1.65 to 5.5
VCC –0.2
IOH = –100 µA
1.65
1.2
IOH = –4 mA
2.3
1.7
IOH = –8 mA
2.7
2.2
3.0
2.4
IOH = –12 mA
3.0
2.2
VOH
4.5
3.8
V
IOH = –24 mA
1.65 to 5.5
0.2
IOL = 100 µA
1.65
0.45
IOL = 4 mA
2.3
0.7
IOL = 8 mA
2.7
0.4
IOL = 12 mA
3.0
0.55
Output voltage
VOL
4.5
0.55
V
IOL = 24 mA
Input current
IIN
0 to 5.5
±5.0
µA
VIN = 5.5 V or GND
2.7 to 3.6
±5.0
VIN = 3.6 V to 5.5 V
ICC
2.7 to 5.5
5.0
µA
VIN = VCC or GND
Quiescent supply current
∆ICC
2.7 to 3.6
500
µA
VIN = one input at (VCC –0.6)V,
other inputs at VCC or GND


Similar Part No. - RD74LVC74BTELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC74BTELL RENESAS-RD74LVC74BTELL Datasheet
112Kb / 9P
   Dual D-type Flip Flops with Preset and Clear
More results

Similar Description - RD74LVC74BTELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC74 RENESAS-HD74HC74 Datasheet
108Kb / 8P
   Dual D-type Flip-Flops (with Preset and Clear)
RD74LVC74B RENESAS-RD74LVC74B Datasheet
112Kb / 9P
   Dual D-type Flip Flops with Preset and Clear
logo
Hitachi Semiconductor
HD74LVC74 HITACHI-HD74LVC74 Datasheet
48Kb / 9P
   Dual D-type Flip Flops with Preset and Clear
HD74HC74 HITACHI-HD74HC74 Datasheet
58Kb / 9P
   Dual D-type Flip-Flops (with Preset and Clear)
logo
Renesas Technology Corp
HD74LVC74 RENESAS-HD74LVC74 Datasheet
189Kb / 7P
   Dual D-type Flip Flops with Preset and Clear
HD74LV74A RENESAS-HD74LV74A Datasheet
83Kb / 10P
   Dual D-type Flip Flops with Preset and Clear
logo
Hitachi Semiconductor
HD74LV74A HITACHI-HD74LV74A Datasheet
66Kb / 16P
   Dual D-type Flip Flops with Preset and Clear
logo
Renesas Technology Corp
HD74HC74 RENESAS-HD74HC74_15 Datasheet
169Kb / 10P
   Dual D-type Flip-Flops (with Preset and Clear)
logo
Aeroflex Circuit Techno...
UT54ACTS74E AEROFLEX-UT54ACTS74E Datasheet
131Kb / 9P
   Dual D Flip-Flops with Clear and Preset
UT54ACS74 AEROFLEX-UT54ACS74 Datasheet
238Kb / 10P
   Dual D Flip-Flops with Clear & Preset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com