Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD74LVC74BTELL Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RD74LVC74BTELL
Description  Dual D-type Flip Flops with Preset and Clear
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC74BTELL Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button RD74LVC74BTELL Datasheet HTML 3Page - Renesas Technology Corp RD74LVC74BTELL Datasheet HTML 4Page - Renesas Technology Corp RD74LVC74BTELL Datasheet HTML 5Page - Renesas Technology Corp RD74LVC74BTELL Datasheet HTML 6Page - Renesas Technology Corp RD74LVC74BTELL Datasheet HTML 7Page - Renesas Technology Corp RD74LVC74BTELL Datasheet HTML 8Page - Renesas Technology Corp RD74LVC74BTELL Datasheet HTML 9Page - Renesas Technology Corp RD74LVC74BTELL Datasheet HTML 10Page - Renesas Technology Corp RD74LVC74BTELL Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
RD74LVC74B
Rev.1.00 Jun. 22, 2004 page 6 of 8
Operating Characteristics
Ta = 25°C
Item
Symbol
VCC = (V)
Min
Typ
Max
Unit
Test Conditions
1.8
34
2.5
34
3.3
36
Power dissipation capacitance
CPD
5.0
40
pF
f = 10 MHz
Test Circuit
Input
Input
Pulse Generator
Z
= 50
out
Z
= 50
out
VCC
PR
D
CK
CLR
Q
Output Q
CL
RL
RL
CL
Q
Output Q
Pulse Generator
Notes:
1.
CL includes probe and jig capacitance.
2.
Test is put into the each flip flops.


Similar Part No. - RD74LVC74BTELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC74BTELL RENESAS-RD74LVC74BTELL Datasheet
112Kb / 9P
   Dual D-type Flip Flops with Preset and Clear
More results

Similar Description - RD74LVC74BTELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC74 RENESAS-HD74HC74 Datasheet
108Kb / 8P
   Dual D-type Flip-Flops (with Preset and Clear)
RD74LVC74B RENESAS-RD74LVC74B Datasheet
112Kb / 9P
   Dual D-type Flip Flops with Preset and Clear
logo
Hitachi Semiconductor
HD74LVC74 HITACHI-HD74LVC74 Datasheet
48Kb / 9P
   Dual D-type Flip Flops with Preset and Clear
HD74HC74 HITACHI-HD74HC74 Datasheet
58Kb / 9P
   Dual D-type Flip-Flops (with Preset and Clear)
logo
Renesas Technology Corp
HD74LVC74 RENESAS-HD74LVC74 Datasheet
189Kb / 7P
   Dual D-type Flip Flops with Preset and Clear
HD74LV74A RENESAS-HD74LV74A Datasheet
83Kb / 10P
   Dual D-type Flip Flops with Preset and Clear
logo
Hitachi Semiconductor
HD74LV74A HITACHI-HD74LV74A Datasheet
66Kb / 16P
   Dual D-type Flip Flops with Preset and Clear
logo
Renesas Technology Corp
HD74HC74 RENESAS-HD74HC74_15 Datasheet
169Kb / 10P
   Dual D-type Flip-Flops (with Preset and Clear)
logo
Aeroflex Circuit Techno...
UT54ACTS74E AEROFLEX-UT54ACTS74E Datasheet
131Kb / 9P
   Dual D Flip-Flops with Clear and Preset
UT54ACS74 AEROFLEX-UT54ACS74 Datasheet
238Kb / 10P
   Dual D Flip-Flops with Clear & Preset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com