Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBR2200FT1G Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LMBR2200FT1G
Description  Schottky Barrier Rectifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBR2200FT1G Datasheet(HTML) 6 Page - Leshan Radio Company

Back Button LMBR2200FT1G_15 Datasheet HTML 2Page - Leshan Radio Company LMBR2200FT1G_15 Datasheet HTML 3Page - Leshan Radio Company LMBR2200FT1G_15 Datasheet HTML 4Page - Leshan Radio Company LMBR2200FT1G_15 Datasheet HTML 5Page - Leshan Radio Company LMBR2200FT1G_15 Datasheet HTML 6Page - Leshan Radio Company LMBR2200FT1G_15 Datasheet HTML 7Page - Leshan Radio Company LMBR2200FT1G_15 Datasheet HTML 8Page - Leshan Radio Company LMBR2200FT1G_15 Datasheet HTML 9Page - Leshan Radio Company LMBR2200FT1G_15 Datasheet HTML 10Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Title :
B. Carrier Tape
Item
SOD323HE SOD123FL SMA
SMA-FL
SMB
SMB-FL
TO277
SMC
W
8±0.3
8±0.3
12±0.3
12±0.3
12±0.3
12±0.3
12±0.3
16±0.3
P1
4±0.1
4±0.1
4±0.1
4±0.1
8±0.1
8±0.1
8±0.1
8±0.1
E
1.75±0.1
1.75±0.1
1.75±0.1
1.75±0.1
1.75±0.1
1.75±0.1 1.75±0.1
1.75±0.1
F
3.5±.05
3.5±.05
5.5±.05
5.5±.05
5.5±0.05
5.5±0.05 5.5±.05
7.5±.05
D0
1.55±0.05
1.55±0.05
1.55±0.05
1.55±0.05
1.55±0.05 1.55±0.05 1.55±0.05
1.55±0.05
D1
1.1±0.1
1.1±0.1
1.5±0.1
1.5±0.1
1.55±0.05 1.55±0.05 1.5±0.1
1.55±0.05
P0
4±0.1
4±0.1
4±0.1
4±0.1
4±0.1
4±0.1
4±0.1
4±0.1
P2
2±0.05
2±0.05
2±0.05
2±0.05
2±0.05
2±0.05
2±0.05
2±0.05
10P0
40±0.2
40±0.2
40±0.2
40±0.2
40±0.2
40±0.2
40±0.2
40±0.2
A0
1.45±0.1
1.95±0.1
2.79±0.1
2.83±0.1
3.8±0.1
3.8±0.1
4.3±0.1
6.05±0.1
B0
2.75±0.1
3.95±0.1
5.33±0.1
4.75±0.1
5.4±0.1
5.75±0.1 6.8±0.1
8.31±0.1
K0
0.80±0.1
1.30±0.1
2.36±0.1
1.42±0.1
2.45±0.1
1.4±0.1
1.35±0.1
2.54±0.1
T
0.25±0.05
0.25±0.05
0.25±0.05
0.25±0.05
0.25±0.05 0.25±0.05 0.25±0.05
0.25±0.05
Power Diode SMD Package Packing Spec
Version: 5
Modification: 0
Page: 4
DOC NO.:
WI-258
SEC.:A-A'
Ao
P2
P1
A
Do
A'
B
Po
B'
SEC.:B-B'
t
D1
Cathode(tape
hole side)


Similar Part No. - LMBR2200FT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR2200FT1G LRC-LMBR2200FT1G Datasheet
181Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 2.0A
More results

Similar Description - LMBR2200FT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com