Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD74LVC574B Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RD74LVC574B
Description  Octal D-type Flip Flops with 3-state Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC574B Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RD74LVC574B_15 Datasheet HTML 3Page - Renesas Technology Corp RD74LVC574B_15 Datasheet HTML 4Page - Renesas Technology Corp RD74LVC574B_15 Datasheet HTML 5Page - Renesas Technology Corp RD74LVC574B_15 Datasheet HTML 6Page - Renesas Technology Corp RD74LVC574B_15 Datasheet HTML 7Page - Renesas Technology Corp RD74LVC574B_15 Datasheet HTML 8Page - Renesas Technology Corp RD74LVC574B_15 Datasheet HTML 9Page - Renesas Technology Corp RD74LVC574B_15 Datasheet HTML 10Page - Renesas Technology Corp RD74LVC574B_15 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
RD74LVC574B
Rev.1.00, Apr.15.2004, page 5 of 8
Switching Characteristics
Ta = –40 to 85°C
Item
Symbol VCC (V)
Min
Typ
Max
Unit
From
(Input)
To
(Output)
1.8±0.15
55.0
2.5±0.2
95.0
2.7
150.0
3.3±0.3
150.0
Maximum clock
frequency
fmax
5.0±0.5
150.0
MHz
1.8±0.15
1.0
21.6
2.5±0.2
1.0
10.5
2.7
1.0
8.0
3.3±0.3
2.2
7.0
Propagation delay time
tPLH
tPHL
5.0±0.5
1.0
5.5
ns
CK
Q
1.8±0.15
1.0
19.5
2.5±0.2
1.0
10.5
2.7
1.0
8.5
3.3±0.3
1.5
7.5
Output enable time
tZH
tZL
5.0±0.5
1.0
5.5
ns
OC
Q
1.8±0.15
1.0
18.8
2.5±0.2
1.0
7.8
2.7
1.0
7.0
3.3±0.3
1.7
6.4
Output disable time
tHZ
tLZ
5.0±0.5
1.0
5.4
ns
OC
Q
1.8±0.15
6.0
2.5±0.2
4.0
2.7
2.0
3.3±0.3
2.0
Setup time
tsu
5.0±0.5
2.0
ns
1.8±0.15
4.0
2.5±0.2
2.0
2.7
1.5
3.3±0.3
1.5
Hold time
th
5.0±0.5
1.5
ns
1.8±0.15
9.0
2.5±0.2
4.0
2.7
3.3
3.3±0.3
3.3
Pulse width
tw
5.0±0.5
3.3
ns
1.8±0.15
2.5±0.2
2.7
3.3±0.3
1.0
Between output
pins skew
*1
tOSLH
tOSHL
5.0±0.5
1.0
ns
Input capacitance
CIN
3.3
4.0
pF
Output capacitance
CO
3.3
8.0
pF
Note:
1. This parameter is characterized but not tested.
tosLH = | tPLHm - tPLHn|, tosHL = | tPHLm - tPHLn|


Similar Part No. - RD74LVC574B_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC574BFPEL RENESAS-RD74LVC574BFPEL Datasheet
82Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
RD74LVC574BFPEL RENESAS-RD74LVC574BFPEL Datasheet
105Kb / 11P
   Octal D-type Flip Flops with 3-state Outputs
Apr.15.2004
RD74LVC574BTELL RENESAS-RD74LVC574BTELL Datasheet
82Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
RD74LVC574BTELL RENESAS-RD74LVC574BTELL Datasheet
105Kb / 11P
   Octal D-type Flip Flops with 3-state Outputs
Apr.15.2004
More results

Similar Description - RD74LVC574B_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HC374 RENESAS-HD74HC374 Datasheet
117Kb / 9P
   Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74BC574A HITACHI-HD74BC574A Datasheet
39Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
HD74LVC374A HITACHI-HD74LVC374A Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74LVC534 RENESAS-HD74LVC534 Datasheet
206Kb / 8P
   Octal D-type Flip Flops with 3-state Outputs
RD74LVC374B RENESAS-RD74LVC374B Datasheet
109Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Hitachi Semiconductor
HD74HCT564 HITACHI-HD74HCT564 Datasheet
68Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74BC564A HITACHI-HD74BC564A Datasheet
42Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
HD74HC564 HITACHI-HD74HC564 Datasheet
65Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74LVC534 HITACHI-HD74LVC534 Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com