Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6P4BMC-5A4 Datasheet(PDF) 9 Page - NEC

Part # UPD6P4BMC-5A4
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6P4BMC-5A4 Datasheet(HTML) 9 Page - NEC

Back Button UPD6P4BMC-5A4 Datasheet HTML 5Page - NEC UPD6P4BMC-5A4 Datasheet HTML 6Page - NEC UPD6P4BMC-5A4 Datasheet HTML 7Page - NEC UPD6P4BMC-5A4 Datasheet HTML 8Page - NEC UPD6P4BMC-5A4 Datasheet HTML 9Page - NEC UPD6P4BMC-5A4 Datasheet HTML 10Page - NEC UPD6P4BMC-5A4 Datasheet HTML 11Page - NEC UPD6P4BMC-5A4 Datasheet HTML 12Page - NEC UPD6P4BMC-5A4 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
µPD6P4B
Data Sheet U13594EJ2V0DS00
1.4 Dealing with Unused Pins
The following connections are recommended for unused pins in the normal operation mode.
Table 1-1. Connections for Unused Pins
Pin
Connection
Inside the microcontroller
Outside the microcontroller
KI/O
INPUT mode
Open
OUTPUT mode
High-level output
REM
S1/LED
OUTPUT mode (LED) setting
S0
OFF mode setting
Directly connected to GND
KI
RESETNote
Built-in POC circuit
Open
Note If the circuit is an applied one requiring high reliability, be sure to design it in such a manner that the RESET
signal is entered externally.
Caution The I/O mode and the terminal output level are recommended to be fixed by setting them
repeatedly in each loop of the program.
1.5 Notes on Using KI Pin at Reset
In order to prevent malfunction, be sure to input a low level to more than one of pins KI0 to KI3 when reset is
released (when RESET pin changes from low level to high level, or POC is released due to supply voltage startup).


Similar Part No. - UPD6P4BMC-5A4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD6P4BMC-5A4 RENESAS-UPD6P4BMC-5A4 Datasheet
305Kb / 34P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD6P4BMC-5A4

ManufacturerPart #DatasheetDescription
logo
NEC
UPD62A NEC-UPD62A Datasheet
377Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6132 NEC-UPD6132 Datasheet
264Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6133 NEC-UPD6133 Datasheet
410Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62 NEC-UPD62 Datasheet
300Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P5 NEC-UPD6P5 Datasheet
232Kb / 32P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
Renesas Technology Corp
PD62 RENESAS-PD62_15 Datasheet
419Kb / 66P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
NEC
UPD64A NEC-UPD64A Datasheet
399Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD66P04B NEC-UPD66P04B Datasheet
164Kb / 32P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD61P34B NEC-UPD61P34B Datasheet
239Kb / 32P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6604 NEC-UPD6604 Datasheet
268Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com