Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB-0651TR-12VD-CF-B Datasheet(PDF) 1 Page - A-BRIGHT Inc

Part # AB-0651TR-12VD-CF-B
Description  FESTOON LED BULB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AB-0651TR-12VD-CF-B Datasheet(HTML) 1 Page - A-BRIGHT Inc

  AB-0651TR-12VD-CF-B_15 Datasheet HTML 1Page - A-BRIGHT Inc AB-0651TR-12VD-CF-B_15 Datasheet HTML 2Page - A-BRIGHT Inc AB-0651TR-12VD-CF-B_15 Datasheet HTML 3Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
A-BRIGHT
1
FESTOON LED BULB
Data Sheet
Feature:
High efficiency LED
materials are used in this
Bulb.
Every lamp is made with an
advanced optical grade
epoxy offering superior
high shock and high
temperature resistance in
outdoor applications.
.Wide view angle
.High luminous output
.Seven kind color
.Free to differentiate
anode and
cathode(Bi-Polar)
.Solid-state Vibration
resistant
.Saving power
.Long life
Option:
.12V DC
.Other industry standard
base
6pcs LED Bulb Series
AB-06XXXX-XXXX-XX
Description:
These high voltage LED
bulbs are specifically
designed for electric
equipment, indicator light
switch and where a wide
view angle.
The 5mm round shaped
radiation pattern (75°) and
high luminous intensity
ensure that these devices
are excellent for wide field
of view outdoor
applications where a wide
viewing angle and
readability in sunlight are
essential.
Selection guide:
AB-06XXXX-XXXX-XX
AB:A-BRIGHT product
5:Round type dimensions
X: Color
XXXV: Input voltage
X: Bulb Base
A-BRIGHT
A-BRIGHT INDUSTRIAL CO.,LTD.


Similar Part No. - AB-0651TR-12VD-CF-B_15

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-0651TR-12VD-CF-B A-BRIGHT-AB-0651TR-12VD-CF-B_09 Datasheet
101Kb / 3P
   6 Lamps LED Bulb
More results

Similar Description - AB-0651TR-12VD-CF-B_15

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-T26123SW12VD36-CF A-BRIGHT-AB-T26123SW12VD36-CF Datasheet
72Kb / 3P
   FESTOON LED BULB
11/27/2009
AB-T36123G112VD41-CF A-BRIGHT-AB-T36123G112VD41-CF Datasheet
117Kb / 3P
   FESTOON LED BULB
11/27/2009
AB-0651W0-12VD-CF-B A-BRIGHT-AB-0651W0-12VD-CF-B Datasheet
65Kb / 3P
   FESTOON LED BULB
AB-P06481TY12VD31-CF A-BRIGHT-AB-P06481TY12VD31-CF Datasheet
101Kb / 3P
   FESTOON LED BULB
AB-T26123W112VD36-CF A-BRIGHT-AB-T26123W112VD36-CF Datasheet
72Kb / 3P
   FESTOON LED BULB
11/27/2009
AB-P06481G012VD36-CF A-BRIGHT-AB-P06481G012VD36-CF Datasheet
101Kb / 3P
   FESTOON LED BULB
AB-0651B0-12VD-CF-B A-BRIGHT-AB-0651B0-12VD-CF-B Datasheet
208Kb / 3P
   FESTOON LED BULB
AB-P06481B012VD36-CF A-BRIGHT-AB-P06481B012VD36-CF Datasheet
193Kb / 3P
   FESTOON LED BULB
AB-P06481R012VD36-CF A-BRIGHT-AB-P06481R012VD36-CF Datasheet
193Kb / 3P
   FESTOON LED BULB
10/31/2006
AB-P06481SW12VD31-CF A-BRIGHT-AB-P06481SW12VD31-CF Datasheet
190Kb / 3P
   FESTOON LED BULB
AB-P06481TR12VD36-CF A-BRIGHT-AB-P06481TR12VD36-CF Datasheet
193Kb / 3P
   FESTOON LED BULB
10/31/2006
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com