Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OD6020-24L Datasheet(PDF) 1 Page - ORION FANS

Part # OD6020-24L
Description  FAN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD6020-24L Datasheet(HTML) 1 Page - ORION FANS

  OD6020-24L Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
37
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OD6020 Series
DC Fan - 12, 24V
60x20mm (2.36”x .79”)
Model Number
Speed (RPM) Airflow (CFM) Noise (dB)
Volts DC Voltage Range Amps
Max. Static
Pressure (“H2O)
OD6020-12H*
4500
18
30
12
8~16
.16
.14
OD6020-12M*
3900
15
26
12
8~16
.13
.11
OD6020-12L*
3500
13
22
12
8~16
.08
.09
OD6020-24H*
4500
18
30
24
12~32
.09
.14
OD6020-24M*
3900
15
26
24
12~32
.06
.11
OD6020-24L*
3500
13
22
24
12~32
.04
.09
* Indicate “B” to specify Ball bearing or “S” to specify Sleeve bearing
Frame & Impeller
PBT, UL94V-O plastic
Available Options:
Tachometer
Alarm
Other frame styles available
5V available on request
Life Expectancy (L10)
Ball Bearing
60,000 hours (L10 at 40C)
Sleeve Bearing
30,000 hours (L10 at 40C)
Operating Temperature
Ball Bearing
-20C ~ +80C
Sleeve Bearing
-10C ~ +50C
Connection
2x Lead wires
Motor
Brushless DC, auto restart,
impedance and polarity
protected
Bearing System
Dual Ball or Sleeve
Insulation Resistance 10M ohm between leadwire
and frame (500VDC)
Dielectric Strength
1 second at 500 VAC, max
leakage - 500 MicroAmp
Storage Temperature -30C ~ +90C
m1
77282 2009_fan_cat sec 2:Layout 1
7/28/09
11:12 AM
Page 37


Similar Part No. - OD6020-24L

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD6020-24L ORIONFANS-OD6020-24L Datasheet
429Kb / 1P
   DC Fan - 12, 24V 60x20mm (2.36?쓝 .79??
OD6020-24LB ORIONFANS-OD6020-24LB Datasheet
116Kb / 1P
   DC Fan - 12, 24V 60x20mm (2.36?쓝 .79??
OD6020-24LS ORIONFANS-OD6020-24LS Datasheet
116Kb / 1P
   DC Fan - 12, 24V 60x20mm (2.36?쓝 .79??
More results

Similar Description - OD6020-24L

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2404085 PHOENIX-2404085 Datasheet
190Kb / 5P
   Fan - RFC FAN MODULE
Dec 8, 2022
logo
ORION FANS
OD5210-05H ORIONFANS-OD5210-05H Datasheet
117Kb / 1P
   FAN
OD6015-05HB ORIONFANS-OD6015-05HB Datasheet
216Kb / 1P
   FAN
OD1232-12HB-03 ORIONFANS-OD1232-12HB-03 Datasheet
767Kb / 1P
   FAN
OD4028-12HB-XC ORIONFANS-OD4028-12HB-XC_15 Datasheet
112Kb / 1P
   FAN
G280 ORIONFANS-G280 Datasheet
488Kb / 1P
   Fan Guard for 280mm fan
logo
List of Unclassifed Man...
G119-8 ETC2-G119-8 Datasheet
760Kb / 1P
   Fan Guards for 127mm Fan
logo
ORION FANS
OD5010-05H ORIONFANS-OD5010-05H Datasheet
401Kb / 1P
   FAN
OD6010-05M ORIONFANS-OD6010-05M Datasheet
100Kb / 1P
   FAN
logo
STEGO Elektrotechnik Gm...
HVI030 STEGO-HVI030_V01 Datasheet
276Kb / 1P
   SPACE-SAVING FAN HEATER WITH FAN
19.03.2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com