Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OD6025-24L Datasheet(PDF) 1 Page - ORION FANS

Part # OD6025-24L
Description  DC Fan
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD6025-24L Datasheet(HTML) 1 Page - ORION FANS

  OD6025-24L Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
O
ODD66002255 SSeerriieess
DC Fan - 5, 12, 24, 48V
60x25mm (2.36”x 1.0”)
Frame & Impeller
PBT, UL94V-O plastic
Available Options:
Tachometer
Alarm
Life Expectancy (L10)
Ball - 60,000 hrs (45C)
Sleeve - 30,000 hrs (45C)
Operating Temperature
Ball: -10 ~ 70C
Sleeve: -10 ~ 60C
Connection
2x Lead wires 24AWG
Motor
Brushless DC, auto restart,
polarity protected
Bearing System
Ball bearing or Sleeve
Insulation Resistance 10M ohm between leadwire
and frame (500VDC)
Dielectric Strength
1 second at 500 VAC, max
leakage - 500 MicroAmp
Model Number Speed (RPM) Airflow
(CFM) Noise (dB) Volts DC Input Power
(Watts)
Amps
Max. Static
Pressure
(“H2O)
OD6025-05H *
4500
24
33
5
2.2
0.45
0.20
OD6025-05M *
3500
18
27
5
1.6
0.32
0.11
OD6025-05L *
2500
13
18
5
0.7
0.15
0.07
OD6025-12HH *
5100
28
38
12
3.1
0.25
0.24
OD6025-12H *
4500
24
33
12
2.8
0.23
0.20
OD6025-12M *
3500
18
27
12
1.7
0.14
0.11
OD6025-12L *
2500
13
18
12
1.0
0.08
0.07
OD6025-24HH *
5100
28
38
24
3.9
0.16
0.24
OD6025-24H *
4500
24
33
24
3.5
0.15
0.20
OD6025-24M *
3500
18
27
24
1.9
0.08
0.11
OD6025-24L *
2500
13
18
24
1.0
0.06
0.07
OD6025-48H *
4200
28
30
48
3.4
0.07
0.24
RoHS Compliant
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OrionFans.com
Information and data is subject to
change without prior notification.
* Indicate “B” for ball bearing or “S” for sleeve bearing
IP55
m1


Similar Part No. - OD6025-24L

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD6025-24L ORIONFANS-OD6025-24L Datasheet
1Mb / 1P
   DC Fan - 5, 12, 24, 48V 60x25mm (2.36?쓝 1.0??
OD6025-24LB ORIONFANS-OD6025-24LB Datasheet
119Kb / 1P
   DC Fan - 12, 24V 60x25mm (2.36 x 1.0)
OD6025-24LS ORIONFANS-OD6025-24LS Datasheet
119Kb / 1P
   DC Fan - 12, 24V 60x25mm (2.36 x 1.0)
More results

Similar Description - OD6025-24L

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
109R0824G4021 SANYO-109R0824G4021 Datasheet
272Kb / 4P
   DC Fan
logo
ORION FANS
OD8032-12H ORIONFANS-OD8032-12H Datasheet
479Kb / 1P
   DC FAN
OD4020-05HB ORIONFANS-OD4020-05HB_15 Datasheet
120Kb / 1P
   DC Fan
OD180APL-12HB ORIONFANS-OD180APL-12HB_15 Datasheet
204Kb / 1P
   DC FAN
OD1238-12HB ORIONFANS-OD1238-12HB Datasheet
261Kb / 1P
   DC Fan
OD1238-12HHB ORIONFANS-OD1238-12HHB Datasheet
379Kb / 1P
   DC FAN
OD1238-12HSS ORIONFANS-OD1238-12HSS Datasheet
250Kb / 1P
   DC Fan
OD9225-12HSS ORIONFANS-OD9225-12HSS Datasheet
208Kb / 1P
   DC Fan
logo
Delta Electronics, Inc.
AFB1712H-A DELTA-AFB1712H-A Datasheet
701Kb / 8P
   DC FAN
June 24, 2009
logo
ORION FANS
OD9220-12H ORIONFANS-OD9220-12H_15 Datasheet
110Kb / 1P
   DC Fan
OD7020-12HB ORIONFANS-OD7020-12HB Datasheet
954Kb / 1P
   DC FAN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com