Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB-781W0-01WA-E40 Datasheet(PDF) 1 Page - A-BRIGHT Inc

Part # AB-781W0-01WA-E40
Description  LED BULB
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AB-781W0-01WA-E40 Datasheet(HTML) 1 Page - A-BRIGHT Inc

  AB-781W0-01WA-E40_15 Datasheet HTML 1Page - A-BRIGHT Inc AB-781W0-01WA-E40_15 Datasheet HTML 2Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AB-781W0-01WA-E40
Diff No.
Ø65.6x122mm
LED BULB
Type:BULB
1
122.0±1.0
65.6±0.5
26.0
Product Photo:
Features:
LED power : 8 W.
Dimension : Ø65.6 × 122mm.
Emitted color : White.
Chip material : InGaN.
High luminance, Lower power consumption.
Base model E26/E27.
Optional plastic light cover : White Diffused.
Long life LED span to 50,000 hours.


Similar Part No. - AB-781W0-01WA-E40_15

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-781W0-01WA-E40 A-BRIGHT-AB-781W0-01WA-E40 Datasheet
139Kb / 2P
   Ø65.6x122mm LED BULB
AB-781W0-01WA-E40 A-BRIGHT-AB-781W0-01WA-E40 Datasheet
139Kb / 2P
   Ø65.6x122mm LED BULB
More results

Similar Description - AB-781W0-01WA-E40_15

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-153S3A-12V0-M00 A-BRIGHT-AB-153S3A-12V0-M00 Datasheet
138Kb / 2P
   LED BULB
AB-751SW-01WA-E4C A-BRIGHT-AB-751SW-01WA-E4C_15 Datasheet
135Kb / 2P
   LED BULB
AB-153W6A-12V0-M00 A-BRIGHT-AB-153W6A-12V0-M00_15 Datasheet
136Kb / 2P
   LED BULB
AB-781SW-01WA-E40 A-BRIGHT-AB-781SW-01WA-E40_15 Datasheet
139Kb / 2P
   LED BULB
AB-153S3A-12V0-M00 A-BRIGHT-AB-153S3A-12V0-M00_15 Datasheet
138Kb / 2P
   LED BULB
AB-153S4A-12V0-M00 A-BRIGHT-AB-153S4A-12V0-M00_15 Datasheet
138Kb / 2P
   LED BULB
AL-01R6IR1WC-600 A-BRIGHT-AL-01R6IR1WC-600 Datasheet
228Kb / 6P
   LED BULB
2007/1/16
AB-781W0-01WA-E4C A-BRIGHT-AB-781W0-01WA-E4C Datasheet
139Kb / 2P
   LED BULB
AB-0651G0-12VD-CF-B A-BRIGHT-AB-0651G0-12VD-CF-B Datasheet
207Kb / 3P
   FESTOON LED BULB
AB-P06481TY12VD36-CF A-BRIGHT-AB-P06481TY12VD36-CF Datasheet
193Kb / 3P
   FESTOON LED BULB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com