Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1164-5 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1164-5
Description  Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164-5 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1164-5_15 Datasheet HTML 6Page - Linear Technology LTC1164-5_15 Datasheet HTML 7Page - Linear Technology LTC1164-5_15 Datasheet HTML 8Page - Linear Technology LTC1164-5_15 Datasheet HTML 9Page - Linear Technology LTC1164-5_15 Datasheet HTML 10Page - Linear Technology LTC1164-5_15 Datasheet HTML 11Page - Linear Technology LTC1164-5_15 Datasheet HTML 12Page - Linear Technology LTC1164-5_15 Datasheet HTML 13Page - Linear Technology LTC1164-5_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC1164-5
10
11645fc
Aliasing
Aliasing is an inherent phenomenon of sampled data
systems and it occurs when input frequencies close to the
sampling frequency are applied. For the LTC1164-5 case
at 100:1, an input signal whose frequency is in the range
of fCLK ±2.5% will be aliased back into the filter’s pass-
band. If, for instance, an LTC1164-5 operating with a
100kHz clock and 1kHz cutoff frequency receives a 98kHz
10mV input signal, a 2kHz 56
µV alias signal will appear at
its output. When the LTC1164-5 operates with a clock-to-
cutoff frequency of 50:1, aliasing occurs at twice the clock
frequency. Table 4 shows details.
Table 4. Aliasing Data (fCLK = 100kHz, VS = ±5V)
INPUT FREQUENCY
OUTPUT LEVEL
OUTPUT FREQUENCY
(VIN = 1VRMS)
(Relative to Input)
(Aliased Frequency)
(fCLK/fC) = 100:1, fCUTOFF = 1kHz
97.0kHz
–102.0dB
3.0kHz
97.5kHz
– 65.0dB
2.5kHz
98.0kHz
– 45.0dB
2.0kHz
98.5kHz
– 23.0dB
1.5kHz
99.0kHz
– 4.0dB
1.0kHz
99.5kHz
– 0.3dB
0.5kHz
(fCLK/fC) = 50:1, fCUTOFF = 2kHz
197.0kHz
– 23.0dB
3.0kHz
197.5kHz
–12.0dB
2.5kHz
198.0kHz
– 5.0dB
2.0kHz
198.5kHz
–1.8dB
1.5kHz
199.0kHz
–1.0dB
1.0kHz
199.5kHz
– 0.8dB
0.5kHz
Table 5. Transient Response of LTC Lowpass Filters
DELAY
RISE
SETTLING
OVER-
TIME*
TIME**
TIME***
SHOOT
LOWPASS FILTER
(SEC)
(SEC)
(SEC)
(%)
LTC1064-3 Bessel
0.50/fC
0.34/fC
0.80/fC
0.5
LTC1164-5 Bessel
0.43/fC
0.34/fC
0.85/fC
0
LTC1164-6 Bessel
0.43/fC
0.34/fC
1.15/fC
1
LTC1264-7 Linear Phase
1.15/fC
0.36/fC
2.05/fC
5
LTC1164-7 Linear Phase
1.20/fC
0.39/fC
2.20/fC
5
LTC1064-7 Linear Phase
1.20/fC
0.39/fC
2.20/fC
5
LTC1164-5 Butterworth
0.80/fC
0.48/fC
2.40/fC
11
LTC1164-6 Elliptic
0.85/fC
0.54/fC
4.30/fC
18
LTC1064-4 Elliptic
0.90/fC
0.54/fC
4.50/fC
20
LTC1064-1 Elliptic
0.85/fC
0.54/fC
6.50/fC
20
* To 50%
±5%, ** 10% to 90% ±5%, *** To 1% ±0.5%
APPLICATIO S I FOR ATIO
Any parasitic switching transients during the rise and fall
edges of the incoming clock are not part of the clock
feedthrough specifications. Switching transients have fre-
quency contents much higher than the applied clock; their
amplitude strongly depends on scope probing techniques
as well as grounding and power supply bypassing. The
clock feedthrough, if bothersome, can be greatly reduced
by adding a simple R/C lowpass network at the output of
the filter pin (Pin 9). This R/C will completely eliminate any
switching transient.
Wideband Noise
The wideband noise of the filter is the total RMS value of
the device’s noise spectral density and it is used to
determine the operating signal-to-noise ratio. Most of its
frequency contents lie within the filter passband and it
cannot be reduced with post filtering. For instance, the
LTC1164-5 wideband noise at
±2.5V supply is 100µVRMS,
95
µVRMS of which have frequency contents from DC up to
the filter’s cutoff frequency. The total wideband noise
(
µRMS)isnearlyindependentofthevalueoftheclock.The
clock feedthrough specifications are not part of the wide-
band noise.
Speed Limitations
The LTC1164-5 optimizes AC performance versus power
consumption. To avoid op amp slew rate limiting at
maximum clock frequencies, the signal amplitude should
be kept below a specified level as shown in Table 3.
Table 3. Maximum VIN vs VS and fCLK
POWER SUPPLY
MAXIMUM fCLK
MAXIMUM VIN
VS = ±7.5V
1.5MHz
1VRMS (fIN > 35kHz)
0.5VRMS (fIN > 250kHz)
VS = ±7.5V
1.0MHz
3VRMS (fIN > 25kHz)
0.7VRMS (fIN > 250kHz)
VS = ±5.0V
1.0MHz
2.5VRMS (fIN > 25kHz)
0.5VRMS (fIN > 100kHz)
Single 5V
1.0MHz
0.7VRMS (fIN > 25kHz)
0.5VRMS (fIN > 100kHz)


Similar Part No. - LTC1164-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-5C LINER-LTC1164-5C Datasheet
204Kb / 12P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5CJ LINER-LTC1164-5CJ Datasheet
204Kb / 12P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5CJ LINER-LTC1164-5CJ Datasheet
224Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5CN LINER-LTC1164-5CN Datasheet
204Kb / 12P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5CN LINER-LTC1164-5CN Datasheet
224Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
More results

Similar Description - LTC1164-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-5 LINER-LTC1164-5 Datasheet
224Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
204Kb / 12P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-6 LINER-LTC1164-6 Datasheet
311Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6_15 Datasheet
245Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6_1 Datasheet
240Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
logo
Maxim Integrated Produc...
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
   8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
Linear Technology
LTC1064-2 LINER-LTC1064-2_15 Datasheet
130Kb / 12P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter
LTC1064-2 LINER-LTC1064-2_09 Datasheet
124Kb / 12P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter
LTC1064-2 LINER-LTC1064-2 Datasheet
547Kb / 8P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter???
logo
Maxim Integrated Produc...
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com