Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1450 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1450
Description  Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1450 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1450 Datasheet HTML 3Page - Linear Technology LTC1450 Datasheet HTML 4Page - Linear Technology LTC1450 Datasheet HTML 5Page - Linear Technology LTC1450 Datasheet HTML 6Page - Linear Technology LTC1450 Datasheet HTML 7Page - Linear Technology LTC1450 Datasheet HTML 8Page - Linear Technology LTC1450 Datasheet HTML 9Page - Linear Technology LTC1450 Datasheet HTML 10Page - Linear Technology LTC1450 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1450/LTC1450L
PIN FUNCTIONS
An input code of (000H) will connect the positive input of
the output buffer to this end. Can be used to offset the zero
scale above ground.
REFHI (Pin 18): Upper input terminal of the DAC’s internal
resistor string. Typically connected to REFOUT. An input
code of (FFFH) will connect the positive input of the output
buffer to 1LSB from this end.
REFOUT (Pin 19): Output of the internal 2.048V/1.22V
reference. Typically connected to REFHI to drive internal
DAC resistor string.
VCC (Pin 20): Positive Power Supply Input. 4.5V ≤ VCC
5.5V (LTC1450) and 2.7V
≤ VCC ≤ 5.5V (LTC1450L).
Requires a bypass capacitor to ground.
VOUT (Pin 21): Buffered DAC Output.
X1/X2 (Pin 22): Gain Setting Resistor Pin. Connect to GND
for G = 2 or to VOUT for G = 1. Should always be tied to a
low impedance source, such as ground or VOUT, to ensure
stability of the output buffer when driving capacitive loads.
CLR (Pin 23): Clear Input (Asynchronous Active Low). A
low on this pin asynchronously resets all internal latches
to 0s.
LDAC (Pin 24): Load DAC (Asynchronous Active Low).
Used to asynchronously transfer the contents of the input
latches to the DAC latches which updates the output
voltage. The rising edge latches the data into the DAC
latches. If held low the DAC latches are transparent and
data from the input latches will immediately update VOUT.
WR (Pin 1): Write Input (Active Low). Used with CSMSB
and/or CSLSB to load data into the input latches. While WR
and CSMSB and/or CSLSB are held low the enabled input
latches are transparent. The rising edge of WR will latch
data into all input latches.
CSLSB (Pin 2): Chip Select Least Significant Byte (Active
Low). Used with WR to load data into the eight LSB input
latches. While WR and CSLSB are held low the eight LSB
input latches are transparent. The rising edge will latch
data into the eight LSB input latches. Can be connected to
CSMSB for simultaneous loading of both sets of input
latches on a 12-bit bus.
CSMSB (Pin 3): Chip Select Most Significant Byte (Active
Low). Used with WR to load data into the four MSB input
latches. While WR and CSMSB are held low the four MSB
input latches are transparent. The rising edge will latch
data into the four MSB input latches. Can be connected to
CSLSB for simultaneous loading of both sets of input
latches on a 12-bit bus.
D0 to D7 (Pins 4 to 11): Input data for the Least Significant
Byte. Loaded into LSB input latch when WR = 0 and
CSLSB = 0.
D8, D9, D10, D11 (Pins 12, 13, 14, 15): Input data for the
Most Significant Byte. Loaded into MSB input latch when
WR = 0 and CSMSB = 0. Can be connected to D0 to D3 for
multiplexed operation on an 8-bit bus.
GND (Pin 16): Ground.
REFLO (Pin 17): Lower input terminal of the DAC’s inter-
nal resistor string. Typically connected to Analog Ground.


Similar Part No. - LTC1450

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1450 LINER-LTC1450 Datasheet
325Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
LTC1450 LINER-LTC1450 Datasheet
166Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in
LTC1450CG LINER-LTC1450CG Datasheet
325Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
LTC1450CN LINER-LTC1450CN Datasheet
325Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
LTC1450IG LINER-LTC1450IG Datasheet
325Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
More results

Similar Description - LTC1450

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1450L LINER-LTC1450L_15 Datasheet
296Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
LTC1450 LINER-LTC1450 Datasheet
325Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1454 LINER-LTC1454_15 Datasheet
181Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1454 LINER-LTC1454 Datasheet
246Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458 Datasheet
248Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458L LINER-LTC1458L_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com