Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1550 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1550
Description  Low Noise, Switched Capacitor Regulated Voltage Inverters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1550 Datasheet(HTML) 1 Page - Linear Technology

  LTC1550_15 Datasheet HTML 1Page - Linear Technology LTC1550_15 Datasheet HTML 2Page - Linear Technology LTC1550_15 Datasheet HTML 3Page - Linear Technology LTC1550_15 Datasheet HTML 4Page - Linear Technology LTC1550_15 Datasheet HTML 5Page - Linear Technology LTC1550_15 Datasheet HTML 6Page - Linear Technology LTC1550_15 Datasheet HTML 7Page - Linear Technology LTC1550_15 Datasheet HTML 8Page - Linear Technology LTC1550_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1550/LTC1551
Low Noise, Switched
Capacitor Regulated
Voltage Inverters
FEATURES
s
Regulated Negative Voltage from a Single
Positive Supply
s
Low Output Ripple: Less Than 1mVP-P Typ
s
High Charge Pump Frequency: 900kHz Typ
s
Small Charge Pump Capacitors: 0.1
µF
s
Requires Only Four External Capacitors
s
Fixed – 4.1V or Adjustable Output
s
Shutdown Mode Drops Supply Current to < 1
µA
s
High Output Current: Up to 10mA, VCC = 5V
s
Output Regulation: 5%
s
Available in SO-8 and 16-Lead SSOP
s
GaAs FET Bias Generators
s
Negative Supply Generators
s
Battery-Powered Systems
s
Single Supply Applications
APPLICATIONS
DESCRIPTION
The LTC
®1550/LTC1551 are switched capacitor charge
pump voltage inverters which include internal linear post-
regulators to minimize output ripple. Output voltages are
fixed at – 4.1V, with ripple voltages typically below 1mVP-P.
The LTC1550 is also available in an adjustable output
voltage version. The LTC1550/LTC1551 are ideal for use
as bias voltage generators for GaAs transmitter FETs in
portable RF and cellular telephone applications.
The LTC1550/LTC1551 operate from single 4.5V to 6.5V
supplies and draw typical quiescent currents of 4.25mA
with a 5V supply. Each device includes a TTL compatible
Shutdown pin which drops supply current to 0.2
µA typi-
cally. The LTC1550 Shutdown pin is active low (SHDN),
while the LTC1551 Shutdown pin is active high (SHDN).
Only four external components are required: an input bypass
capacitor, two 0.1
µF charge pump capacitors and a filter
capacitoratthelinearregulatoroutput.TheadjustableLTC1550
requires two additional resistors to set the output voltage. The
LTC1550/LTC1551 will supply up to 10mA output current
with a 5V supply, while maintaining guaranteed output
regulation of
±5%.
The fixed voltage LTC1550/LTC1551 are available in S0-8
plastic packages. The adjustable LTC1550 is available in a
16-pin SSOP.
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATION
VOUT Output Noise and Ripple
10
µs/DIV
1550/51 TA02
VOUT
AC COUPLED
2mV/DIV
– 4.1V Generator with 1mVP-P Noise
1
2
VCC
8
7
SENSE
CPOUT
SHDN
VCC
C1+
VOUT
LTC1551
FERRITE BEAD
GND
C1
COUT
10
µF
1550/51 F01
VOUT = –4.1V
ILOAD = 5mA
CCP
0.1
µF
C1
0.1
µF
4.7
µF
CIN
3
4
6
5
CL
0.1
µF
+


Similar Part No. - LTC1550_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1550CGN LINER-LTC1550CGN Datasheet
319Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550CS8-4.1 LINER-LTC1550CS8-4.1 Datasheet
319Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550IGN LINER-LTC1550IGN Datasheet
319Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L Datasheet
271Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results

Similar Description - LTC1550_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1551 LINER-LTC1551_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551L LINER-LTC1551L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550 LINER-LTC1550 Datasheet
319Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L Datasheet
271Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Texas Instruments
LM27761 TI1-LM27761_16 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Noise Regulated Switched-Capacitor Voltage Inverter
LM2687LDX TI1-LM2687LDX Datasheet
333Kb / 12P
[Old version datasheet]   Low Noise Regulated Switched Capacitor Voltage Inverter
LM27761 TI-LM27761_15 Datasheet
160Kb / 9P
[Old version datasheet]   LM27761 Low-Noise Regulated Switched-Capacitor Voltage Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com