Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1550 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1550
Description  Low Noise, Switched Capacitor Regulated Voltage Inverters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1550 Datasheet(HTML) 3 Page - Linear Technology

  LTC1550 Datasheet HTML 1Page - Linear Technology LTC1550 Datasheet HTML 2Page - Linear Technology LTC1550 Datasheet HTML 3Page - Linear Technology LTC1550 Datasheet HTML 4Page - Linear Technology LTC1550 Datasheet HTML 5Page - Linear Technology LTC1550 Datasheet HTML 6Page - Linear Technology LTC1550 Datasheet HTML 7Page - Linear Technology LTC1550 Datasheet HTML 8Page - Linear Technology LTC1550 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1550/LTC1551
VCC = 4.5V to 6.5V, C1 = C2 = 0.1µF, COUT = 10µF, TA = 25°C unless otherwise specified. (Note 3)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Regulation
3.05V
≤ VCC ≤ 6.5V, 0 ≤ IOUT ≤ 5mA
q
– 2.625
– 2.5
– 2.375
V
(LTC1550CGN/LTC1550IGN)
3.45V
≤ VCC ≤ 6.5V, 0 ≤ IOUT ≤ 10mA
q
– 2.625
– 2.5
– 2.375
V
4.1V
≤ VCC ≤ 6.5V, 0 ≤ IOUT ≤ 20mA
q
– 2.625
– 2.5
– 2.375
V
VOUT
Output Regulation
3.45V
≤ VCC ≤ 6.5V, 0 ≤ IOUT ≤ 5mA
q
– 3.15
– 3.0
– 2.85
V
(LTC1550CGN/LTC1550IGN)
3.85V
≤ VCC ≤ 6.5V, 0 ≤ IOUT ≤ 10mA
q
– 3.15
– 3.0
– 2.85
V
4.5V
≤ VCC ≤ 6.5V, 0 ≤ IOUT ≤ 20mA
q
– 3.15
– 3.0
– 2.85
V
VOUT
Output Regulation
3.9V
≤ VCC ≤ 6.5V, 0 ≤ IOUT ≤ 5mA
q
– 3.675
– 3.5
– 3.325
V
(LTC1550CGN/LTC1550IGN)
4.2V
≤ VCC ≤ 6.5V, 0 ≤ IOUT ≤ 10mA
q
– 3.675
– 3.5
– 3.325
V
4.85V
≤ VCC ≤ 6.5V, 0 ≤ IOUT ≤ 20mA
q
– 3.675
– 3.5
– 3.325
V
VOUT
Output Regulation
4.5V
≤ VCC ≤ 6.5V, 0 ≤ IOUT ≤ 5mA
q
– 4.3
– 4.1
– 3.9
V
(LTC1550CGN/LTC1550IGN)
4.75V
≤ VCC ≤ 6.5V, 0 ≤ IOUT ≤ 10mA
q
– 4.3
– 4.1
– 3.9
V
5.35V
≤ VCC ≤ 6.5V, 0 ≤ IOUT ≤ 20mA
q
– 4.3
– 4.1
– 3.9
V
VOUT
Output Regulation
4.8V
≤ VCC ≤ 6.5V, 0 ≤ IOUT ≤ 5mA
q
– 4.725
– 4.5
– 4.275
V
(LTC1550CGN/LTC1550IGN)
5.1V
≤ VCC ≤ 6.5V, 0 ≤ IOUT ≤ 10mA
q
– 4.725
– 4.5
– 4.275
V
5.7V
≤ VCC ≤ 6.5V, 0 ≤ IOUT ≤ 20mA
q
– 4.725
– 4.5
– 4.275
V
VOUT
Output Regulation
4.5V
≤ VCC ≤ 6.5V, 0 ≤ IOUT ≤ 5mA
q
– 4.3
– 4.1
– 3.9
V
(LTC1550CS8-4.1/LTC1551CS8-4.1)
4.75V
≤ VCC ≤ 6.5V, 0 ≤ IOUT ≤ 10mA
q
– 4.3
– 4.1
– 3.9
V
5.35V
≤ VCC ≤ 6.5V, 0 ≤ IOUT ≤ 20mA
q
– 4.3
– 4.1
– 3.9
V
ISC
Output Short-Circuit Current
VOUT = 0V, VCC = 5V
q
50
150
mA
VOUT = 0V, VCC = 6.5V
q
80
200
mA
VRIPPLE
Output Ripple Voltage
1mV
The q denotes specifications which apply over the specified
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified. All typicals are given at TA = 25°C.
Note 3: C-grade device specifications are guaranteed over the 0
°C to 70°C
temperature range. In addition, C-grade device specifications are assured
over the – 40
°C to 85°C temperature range by design or correlation, but
are not production tested.
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (˚C)
–45
875
925
975
15
55
LTC1550/51 G01
825
775
–25
–5
35
75
95
725
675
VOUT = –4.1V
VCC = 5V
OUTPUT CURRENT (mA)
0
–3.6
–3.8
–4.0
–4.2
–3.4
–3.0
5
10
15
20
LTC1550/51 G03
25
30
–3.2
TA = 25°C
VCC = 4.5V
VCC = 5V
VCC = 6.5V
Supply Current vs Temperature
TEMPERATURE (
°C)
–45
3.0
3.5
4.5
5.0
5.5
–25
15
35
95
LTC1550/51 G02
4.0
–5
55
75
6.0
VOUT = –4.1V
VCC = 5V
Oscillator Frequency
vs Temperature
Output Voltage vs Output Current
(LTC1550CS8-4.1/LTC1551CS8-4.1)


Similar Part No. - LTC1550

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1550 LINER-LTC1550 Datasheet
319Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550CGN LINER-LTC1550CGN Datasheet
319Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550CS8-4.1 LINER-LTC1550CS8-4.1 Datasheet
319Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550IGN LINER-LTC1550IGN Datasheet
319Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L Datasheet
271Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results

Similar Description - LTC1550

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1551 LINER-LTC1551_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551L LINER-LTC1551L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550 LINER-LTC1550 Datasheet
319Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L Datasheet
271Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Texas Instruments
LM27761 TI1-LM27761_16 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Noise Regulated Switched-Capacitor Voltage Inverter
LM2687LDX TI1-LM2687LDX Datasheet
333Kb / 12P
[Old version datasheet]   Low Noise Regulated Switched Capacitor Voltage Inverter
LM27761 TI-LM27761_15 Datasheet
160Kb / 9P
[Old version datasheet]   LM27761 Low-Noise Regulated Switched-Capacitor Voltage Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com