Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63860-6000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 63860-6000
Description  Punch
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

63860-6000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  63860-6000 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
63444-1407
Status:
Active
Description:
Punch
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above
Function
Cutter
Geographic Area
Global
Level of Automation
Semi-Automatic
More Detailed Tech Information
applicationtooling@molex.com
Product Name
N/A
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Punch
UPC
800753154216
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-STANDARD-PARTS
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
T9999Series
Use With
63850-6000 , 63850-6070 , 63851-7100 ,
63851-7170 , 63858-5000 , 63858-5070 ,
63860-6000 , 63860-6070 , 63861-7100 ,
63861-7170 , 63868-5000 , 63868-5070 ,
63900-0100 , 63900-0170 , 63910-0100 ,
63910-0170
This document was generated on 12/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 63860-6000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63860-6000 MOLEX-63860-6000 Datasheet
216Kb / 2P
   2.50mm (.098") Pitch Splash Proof Wire-to-Wire Systems
63860-6000 MOLEX11-63860-6000 Datasheet
37Kb / 1P
   Anvil
63860-6000 MOLEX11-63860-6000 Datasheet
40Kb / 1P
   Anvil
63860-6000 MOLEX11-63860-6000 Datasheet
39Kb / 1P
   Insulation Punch
More results

Similar Description - 63860-6000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63444-0805 MOLEX11-63444-0805 Datasheet
34Kb / 1P
   Punch
63444-1421 MOLEX11-63444-1421 Datasheet
33Kb / 1P
   Punch
63444-1605 MOLEX11-63444-1605 Datasheet
33Kb / 1P
   Punch
63444-1609 MOLEX11-63444-1609 Datasheet
33Kb / 1P
   Punch
63444-1836 MOLEX11-63444-1836 Datasheet
34Kb / 1P
   Punch
63446-1902 MOLEX11-63446-1902 Datasheet
41Kb / 1P
   Punch
63444-1009 MOLEX11-63444-1009 Datasheet
34Kb / 1P
   Punch
63444-0802 MOLEX11-63444-0802 Datasheet
33Kb / 1P
   Punch
63446-1110 MOLEX11-63446-1110 Datasheet
63Kb / 1P
   Punch
63446-1626 MOLEX11-63446-1626 Datasheet
37Kb / 1P
   Punch
63446-1914 MOLEX11-63446-1914 Datasheet
42Kb / 1P
   Punch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com