Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1569-7 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1569-7
Description  Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1569-7 Datasheet(HTML) 3 Page - Linear Technology

  LTC1569-7 Datasheet HTML 1Page - Linear Technology LTC1569-7 Datasheet HTML 2Page - Linear Technology LTC1569-7 Datasheet HTML 3Page - Linear Technology LTC1569-7 Datasheet HTML 4Page - Linear Technology LTC1569-7 Datasheet HTML 5Page - Linear Technology LTC1569-7 Datasheet HTML 6Page - Linear Technology LTC1569-7 Datasheet HTML 7Page - Linear Technology LTC1569-7 Datasheet HTML 8Page - Linear Technology LTC1569-7 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1569-7
Output DC Offset
REXT = 10k, Pin 5 Shorted to Pin 4
VS = 3V
±2
±5mV
(Note 2)
VS = 5V
±6
±12
mV
VS = ±5V
±15
mV
Output DC Offset Drift
REXT = 10k, Pin 5 Shorted to Pin 4
VS = 3V
– 25
µV/°C
VS = 5V
– 25
µV/°C
VS = ±5V
±25
µV/°C
Clock Pin Logic Thresholds
VS = 3V
Min Logical “1”
2.6
V
when Clocked Externally
Max Logical “0”
0.5
V
VS = 5V
Min Logical “1”
4.0
V
Max Logical “0”
0.5
V
VS = ±5V
Min Logical “1”
4.0
V
Max Logical “0”
0.5
V
Power Supply Current
fCLK = 1.028MHz (10k from Pin 6 to Pin 7,
VS = 3V
6
8
mA
(Note 3)
Pin 5 Open,
÷ 4), fCUTOFF = 32kHz
q
9mA
VS = 5V
7
9
mA
q
10
mA
VS = 10V
9
13
mA
q
14
mA
fCLK = 4.096MHz (10k from Pin 6 to Pin 7,
VS = 3V
9.5
mA
Pin 5 Shorted to Pin 4,
÷ 1), fCUTOFF = 128kHz
q
14
mA
fCLK = 8.192MHz (5k from Pin 6 to Pin 7,
VS = 5V
20
mA
Pin 5 Shorted to Pin 4,
÷ 1), fCUTOFF = 256kHz
q
30
mA
VS = 10V
27
mA
q
37
mA
Power Supply Voltage where
Pin 5 Shorted to Pin 4, Note 3
q
3.7
4.2
4.6
V
Low Power Mode is Enabled
Clock Feedthrough
REXT = 10k, Pin 5 Open
0.4
mVRMS
Wideband Noise
Noise BW = DC to 2 • fCUTOFF
125
µVRMS
THD
fIN = 10kHz, 1.5VP-P
74
dB
Clock-to-Cutoff
32
Frequency Ratio
Max Clock Frequency
VS = 3V
5
MHz
(Note 4)
VS = 5V
9.6
MHz
VS = ±5V
13
MHz
Min Clock Frequency
3V to
±5V, TA < 85°C3
kHz
(Note 5)
Input Frequency Range
Aliased Components <–65dB
0.9 • fCLK
Hz
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VS = 3V (V + = 3V, V= 0V), fCLK = 4.096MHz, fCUTOFF = 128kHz, RLOAD = 10k unless otherwise specified.
ELECTRICAL C
C
HARA TERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Note 1: Absolute maximum ratings are those values beyond which the life
of a device may be impaired.
Note 2: DC offset is measured with respect to Pin 3.
Note 3: There are several operating modes which reduce the supply
current. For VS < 4V, relative to divide-by-1 mode, the current is typically
reduced by 50% relative to VS = 5V. If the internal oscillator is used as the
clock source and the divide-by-4 or divide-by-16 mode is enabled, the
supply current is typically reduced by 60%,relative to divide-by-1 mode,
independent of the value of VS.
Note 4: The maximum clock frequency is arbitrarily defined as the
frequency at which the filter AC response exhibits >1dB of gain peaking.
Note 5: The minimum clock frequency is arbitrarily defined as the frequecy
at which the filter DC offset changes by more than 5mV.
Note 6: Thermal resistance varies depending upon the amount of PC board
metal attached to the device.
θJA is specified for a 2500mm2 test board
covered with 2oz copper on both sides.


Similar Part No. - LTC1569-7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1569-7 LINER-LTC1569-7 Datasheet
222Kb / 12P
   Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
LTC1569-7 LINER-LTC1569-7 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC1569-7 LINER-LTC1569-7 Datasheet
203Kb / 16P
   1.4nV/?숰z 180MHz Filter Building Block
LTC1569-7 LINER-LTC1569-7 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results

Similar Description - LTC1569-7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1569-7 LINER-LTC1569-7 Datasheet
222Kb / 12P
   Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
LTC1569-6 LINER-LTC1569-6 Datasheet
217Kb / 12P
   Linear Phase, DC Accurate, Low Power, 10th Order Lowpass Filter
LTC1569-6 LINER-LTC1569-6_1 Datasheet
196Kb / 12P
   Linear Phase, DC Accurate, Low Power, 10th Order Lowpass Filter
LTC1569-6 LINER-LTC1569-6_15 Datasheet
202Kb / 12P
   Linear Phase, DC Accurate, Low Power, 10th Order Lowpass Filter
LTC1065 LINER-LTC1065 Datasheet
314Kb / 12P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065_15 Datasheet
261Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065_09 Datasheet
255Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1066-1 LINER-LTC1066-1 Datasheet
363Kb / 16P
   14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
LTC1066-1 LINER-LTC1066-1_15 Datasheet
277Kb / 20P
   14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
LTC1063 LINER-LTC1063 Datasheet
317Kb / 12P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com