Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1758-2 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1758-2
Description  RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1758-2 Datasheet(HTML) 4 Page - Linear Technology

  LTC1758-2_15 Datasheet HTML 1Page - Linear Technology LTC1758-2_15 Datasheet HTML 2Page - Linear Technology LTC1758-2_15 Datasheet HTML 3Page - Linear Technology LTC1758-2_15 Datasheet HTML 4Page - Linear Technology LTC1758-2_15 Datasheet HTML 5Page - Linear Technology LTC1758-2_15 Datasheet HTML 6Page - Linear Technology LTC1758-2_15 Datasheet HTML 7Page - Linear Technology LTC1758-2_15 Datasheet HTML 8Page - Linear Technology LTC1758-2_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1758-1/LTC1758-2
VIN (Pin 1): Input Supply Voltage, 2.7V to 6V. VIN should
be bypassed with 0.1
µF and 100pF ceramic capacitors.
Used as return for RF 200
Ω termination.
RF (Pin 2): RF Feedback Voltage from the Directional
Coupler. Referenced to VIN. A coupling capacitor of 33pF
must be used to connect to the ground referenced direc-
tional coupler. The frequency range is 850MHz to 2000MHz.
This pin has an internal 200
Ω termination, an internal
Schottky diode detector and peak detector capacitor.
SHDN (Pin 3): Shutdown Input. A logic low on the SHDN
pin places the part in shutdown mode. A logic high places
the part in autozero when TXEN is low. SHDN has an inter-
nal 150k pull-down resistor to ensure that the part is in shut-
down when the drivers are in a three-state condition.
BSEL (Pin 4): (LTC1758-2 Only) Selects VPCA when low
and VPCB when high. This input has an internal 150k
resistor to ground.
GND (Pin 5/Pin 4): System Ground.
PCTL (Pin 6/Pin 5): Analog Input. The external power
control DAC drives this input. The amplifier servos the RF
power until the RF detected signal equals the DAC signal.
The input impedance is typically 90k
Ω.
TXEN (Pin 7/Pin 6): Transmit Enable Input. A logic high
enables the control amplifier. When TXEN is low and
SHDN is high the part is in the autozero mode. This input
has an internal 150k resistor to ground.
VPCB (Pin 8): (LTC1758-2 Only) Power Control Voltage
Output. This pin drives an external RF power amplifier
power control pin. The maximum load capacitance is
100pF. The output is capable of rail-to-rail swings at low
load currents. Selected when BSEL is high.
VPCA (Pin 9/Pin 7): Power Control Voltage Output. This pin
drives an external RF power amplifier power control pin.
The maximum load capacitance is 100pF. The output is
capable of rail-to-rail swings at low load currents. Selected
when BSEL is low (LTC1758-2 only).
VCC (Pin 10/Pin 8): RF Power Amplifier Supply. This pin
has an internal 0.090
Ω sense resistor between VIN and
VCC that senses the RF power amplifier supply current to
detect overcurrent conditions.
(LTC1758-2/LTC1758-1)
PI FU CTIO S


Similar Part No. - LTC1758-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1758-2EMS LINER-LTC1758-2EMS Datasheet
206Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
More results

Similar Description - LTC1758-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1758-1 LINER-LTC1758-1 Datasheet
206Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC1758-1 LINER-LTC1758-1_15 Datasheet
217Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC4401-1 LINER-LTC4401-1_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4401-2 LINER-LTC4401-2_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4401-1 LINER-LTC4401-1 Datasheet
190Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC1957-1 LINER-LTC1957-1 Datasheet
210Kb / 16P
   Single/Dual Band RF Power Controllers with 40dB Dynamic Range
LTC1957-1 LINER-LTC1957-1_15 Datasheet
215Kb / 16P
   Single/Dual Band RF Power Controllers with 40dB Dynamic Range
LTC1957-2 LINER-LTC1957-2_15 Datasheet
215Kb / 16P
   Single/Dual Band RF Power Controllers with 40dB Dynamic Range
LTC4400-2 LINER-LTC4400-2_15 Datasheet
197Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4400-1 LINER-LTC4400-1 Datasheet
186Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com