Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1861 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1861
Description  Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1861 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1861 Datasheet HTML 4Page - Linear Technology LTC1861 Datasheet HTML 5Page - Linear Technology LTC1861 Datasheet HTML 6Page - Linear Technology LTC1861 Datasheet HTML 7Page - Linear Technology LTC1861 Datasheet HTML 8Page - Linear Technology LTC1861 Datasheet HTML 9Page - Linear Technology LTC1861 Datasheet HTML 10Page - Linear Technology LTC1861 Datasheet HTML 11Page - Linear Technology LTC1861 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC1860/LTC1861
8
18601fa
TYPICAL PERFORMANCE CHARACTERISTICS
Change in Offset Error vs
Reference Voltage
Change in Offset vs Temperature
Change in Gain Error vs
Reference Voltage
Change in Gain Error vs
Temperature
Signal-to-(Noise + Distortion)
vs Input Level
4096 Point FFT
Signal-to-(Noise + Distortion)
vs fIN
Total Harmonic Distortion
vs fIN
Spurious Free Dynamic Range
vs fIN
REFERENCE VOLTAGE (V)
0
5
4
3
2
1
0
–1
–2
–3
–4
–5
4
1860/61 G10
1
2
3
5
TA = 25 C
VCC = 5V
TEMPERATURE ( C)
–50
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
50
75
1860/61 G11
–25
25
100
125
VCC = 5V
REFERENCE VOLTAGE(V)
0
5
4
3
2
1
0
–1
–2
–3
–4
–5
2
4
5
1860/61 G12
1
3
VCC = 5V
TA = 25 C
TEMPERATURE ( C)
–50
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
50
75
1860/61 G13
–25
25
100
125
VCC = 5V
VREF = 5V
INPUT LEVEL (dB)
–40
1195 G20
–30
–35
–25
–15
–20
–5
–10
0
80
70
60
50
40
30
20
10
0
fIN = 10kHz
TA = 25 C
VCC = 5V
f (kHz)
060 70
90
0
–20
–40
–60
–80
–100
–120
10 20 30
80
40
1860/61 G15
100
50
fS = 204.1kHz
fIN = 99.5kHz
TA = 25 C
VCC = 5V
fIN (kHz)
100
90
80
70
60
50
40
30
20
10
0
1
100
1000
10000
1860/61 G16
10
TA = 25 C
VCC = 5V
VIN = 0dB
SNR
SINAD
fIN (kHz)
1
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1000
1860/61 G17
TA = 25 C
VCC = 5V
VIN = 0dB
fIN (kHz)
1
100
90
80
70
60
50
40
30
20
10
0
10
100
1000
1860/61 G18
TA = 25 C
VCC = 5V
VIN = 0dB


Similar Part No. - LTC1861

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1861 LINER-LTC1861 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC1861 LINER-LTC1861 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC1861 LINER-LTC1861 Datasheet
170Kb / 12P
   mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1861 LINER-LTC1861 Datasheet
205Kb / 16P
   關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1861 LINER-LTC1861 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
More results

Similar Description - LTC1861

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1860 LINER-LTC1860_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_07 Datasheet
205Kb / 16P
   關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860 Datasheet
170Kb / 12P
   mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1865 LINER-LTC1865_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_07 Datasheet
375Kb / 24P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864 Datasheet
376Kb / 20P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1861L LINER-LTC1861L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L Datasheet
234Kb / 12P
   mPower, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com