Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2055 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2055
Description  Single/Dual Micropower Zero-Drift Operational Amplifi ers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2055 Datasheet(HTML) 5 Page - Linear Technology

  LTC2055 Datasheet HTML 1Page - Linear Technology LTC2055 Datasheet HTML 2Page - Linear Technology LTC2055 Datasheet HTML 3Page - Linear Technology LTC2055 Datasheet HTML 4Page - Linear Technology LTC2055 Datasheet HTML 5Page - Linear Technology LTC2055 Datasheet HTML 6Page - Linear Technology LTC2055 Datasheet HTML 7Page - Linear Technology LTC2055 Datasheet HTML 8Page - Linear Technology LTC2055 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC2054/LTC2055
5
20545fc
ELECTRICAL CHARACTERISTICS (LTC2054MP) The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. VS = 3V, 5V unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS
Supply Current
No Load
145
190
μA
VOS
Input Offset Voltage
(Note 3)
(Note 3) –55°C to 135°C
±10
±8
μV
μV
ΔVOS/ΔT
Average Input Offset Drift
(Note 3)
0.04
± 0.1
μV/°C
Long-Term Offset Drift
50
nV/√mo
IB
Input Bias Current
(Note 4)
±1
±12
pA
nA
IOS
Input Offset Current
(Note 4)
±2
±5
pA
nA
en
Input Noise Voltage
RS = 100Ω, DC to 1Hz
RS = 100Ω, DC to 10Hz
0.6
1.6
μVP-P
μVP-P
CMRR
Common Mode Rejection Ratio
VCM = GND to V+ – 0.7V
VS = 3V
115
105
130
dB
dB
VCM = GND to V+ – 0.7V
VS = 5V
120
110
130
dB
dB
PSRR
Power Supply Rejection Ratio
VS = 2.7V to 6V
120
110
130
dB
dB
AVOL
Large-Signal Voltage Gain
RL = 100k, VS = 3V, VOUT = VS/2
120
110
135
dB
dB
RL = 100k, VS = 5V, VOUT = VS/2
125
115
140
dB
dB
VOUT
Output Voltage Swing High
RL = 5k to GND, VS = 3V
RL = 5k to GND, VS = 3V
2.87
2.84
2.89
V
V
RL = 5k to GND, VS = 5V
RL = 5k to GND, VS = 5V
4.80
4.70
4.83
V
V
RL = 100k to GND, VS = 3V
RL = 100k to GND, VS = 3V
2.98
2.97
2.99
V
V
RL = 100k to GND, VS = 5V
RL = 100k to GND, VS = 5V
4.985
4.970
4.99
V
V
VOUT
Output Voltage Swing Low
RL = 5k to GND, VS = 3V
RL = 5k to GND, VS = 3V
38
10
mV
mV
RL = 5k to GND, VS = 5V
RL = 5k to GND, VS = 5V
38
10
mV
mV
RL = 100k to GND, VS = 3V
RL = 100k to GND, VS = 3V
38
10
mV
mV
RL = 100k to GND, VS = 5V
RL = 100k to GND, VS = 5V
38
10
mV
mV
SR
Slew Rate
0.5
V/μs
GBW
Gain Bandwidth Product
500
kHz
fS
Internal Sampling Frequency
1kHz


Similar Part No. - LTC2055

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2055 LINER-LTC2055 Datasheet
190Kb / 12P
   Single/Dual Micropower Zero-Drift Operational Amplifiers
LTC2055 LINER-LTC2055 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2055 LINER-LTC2055 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2055 LINER-LTC2055 Datasheet
770Kb / 22P
   Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
LTC2055 LINER-LTC2055 Datasheet
747Kb / 20P
   Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
More results

Similar Description - LTC2055

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2050 LINER-LTC2050_1 Datasheet
175Kb / 16P
   Zero-Drift Operational Amplifi ers in SOT-23
LTC2055 LINER-LTC2055 Datasheet
190Kb / 12P
   Single/Dual Micropower Zero-Drift Operational Amplifiers
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Linear Technology
LT1818 LINER-LT1818_15 Datasheet
1Mb / 18P
   400MHz, 2500V/s, 9mA Single/Dual Operational Amplifi ers
LTC1047 LINER-LTC1047_15 Datasheet
163Kb / 12P
   Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
LTC1047 LINER-LTC1047_09 Datasheet
157Kb / 12P
   Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
logo
Linear Technology
LTC2051 LINER-LTC2051 Datasheet
117Kb / 4P
   Dual Zero-Drift Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com