Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3200-5 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3200-5
Description  Low Noise, Regulated Charge Pump DC/DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3200-5 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3200-5_15 Datasheet HTML 4Page - Linear Technology LTC3200-5_15 Datasheet HTML 5Page - Linear Technology LTC3200-5_15 Datasheet HTML 6Page - Linear Technology LTC3200-5_15 Datasheet HTML 7Page - Linear Technology LTC3200-5_15 Datasheet HTML 8Page - Linear Technology LTC3200-5_15 Datasheet HTML 9Page - Linear Technology LTC3200-5_15 Datasheet HTML 10Page - Linear Technology LTC3200-5_15 Datasheet HTML 11Page - Linear Technology LTC3200-5_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC3200/LTC3200-5
9
OPERATIO
Power Efficiency
The power efficiency (
η) of the LTC3200/LTC3200-5 is
similar to that of a linear regulator with an effective input
voltage of twice the actual input voltage. This occurs
because the input current for a voltage doubling charge
pump is approximately twice the output current. In an ideal
regulating voltage doubler the power efficiency would be
given by:
η≡
=
=
P
P
VI
VI
V
V
OUT
IN
OUT
OUT
IN
OUT
OUT
IN
•2
2
At moderate to high output power the switching losses
and quiescent current of the LTC3200/LTC3200-5 are
negligible and the expression above is valid. For example
with VIN = 3V, IOUT = 50mA and VOUT regulating to 5V the
measured efficiency is 80% which is in close agreement
with the theoretical 83.3% calculation.
Operation at VIN > 5V
LTC3200/LTC3200-5 will continue to operate with input
voltages somewhat above 5V. However, because of its
constant frequency nature, some charge due to internal
switching will be coupled to VOUT causing a slight upward
movement of the output voltage at very light loads. To
avoid an output overvoltage problem with high VIN, a
moderate standing load current of 1mA will help the
LTC3200/LTC3200-5 maintain exceptional line regula-
tion. This can be achieved with a 5k resistor from VOUT to
GND.
Figure 5. Recommended Layout
Layout Considerations
Due to its high switching frequency and the high transient
currents produced by the LTC3200/LTC3200-5, careful
board layout is necessary. A true ground plane and short
connections to all capacitors will improve performance and
ensure proper regulation under all conditions. Figure 5
shows an example layout for the LTC3200-5.
Thermal Management
For higher input voltages and maximum output current
there can be substantial power dissipation in the LTC3200/
LTC3200-5. If the junction temperature increases above
approximately 160
°C the thermal shutdown circuitry will
automatically deactivate the output. To reduce the
maximum junction temperature, a good thermal connec-
tion to the PC board is recommended. Connecting the
GND pin (Pins 4/5 for LTC3200, Pin 2 for LTC3200-5) to
a ground plane, and maintaining a solid ground plane
under the device on two layers of the PC board can reduce
the thermal resistance of the package and PC board
considerably.
Derating Power at Higher Temperatures
To prevent an overtemperature condition in high power
applications Figure 6 should be used to determine the
maximum combination of ambient temperature and power
dissipation.
VIN
VOUT
GND
32005 F03
SHDN
1
µF
1
µF
1
µF
LTC3200-5
Figure 6. Maximum Power Dissipation
vs Ambient Temperature
AMBIENT TEMPERATURE (
°C)
–50
–25
025
50
32005 • F06
75
100
θJA = 175°C/W
TJ = 160°C
1.2
1.0
0.8
0.6
0.4
0.2
0


Similar Part No. - LTC3200-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3200-5 LINER-LTC3200-5 Datasheet
185Kb / 12P
   DC/DC CONVERTERl
LTC3200-5 LINER-LTC3200-5 Datasheet
193Kb / 12P
   Low Noise, Regulated Charge Pump DC/DC Converters
LTC3200-5 LINER-LTC3200-5 Datasheet
2Mb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
LTC3200-5 LINER-LTC3200-5 Datasheet
1Mb / 16P
   Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
More results

Similar Description - LTC3200-5_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L5200 UTC-L5200_15 Datasheet
403Kb / 7P
   LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
L5200 UTC-L5200 Datasheet
159Kb / 7P
   LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
L5200 UTC-L5200_16 Datasheet
401Kb / 7P
   LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
L5201 UTC-L5201 Datasheet
169Kb / 7P
   LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
Linear Technology
LTC3200 LINER-LTC3200 Datasheet
193Kb / 12P
   Low Noise, Regulated Charge Pump DC/DC Converters
LTC3200 LINER-LTC3200_15 Datasheet
185Kb / 12P
   Low Noise, Regulated Charge Pump DC/DC Converters
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
   Low Noise Regulated Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com