Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3200-5 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3200-5
Description  Low Noise, Regulated Charge Pump DC/DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3200-5 Datasheet(HTML) 1 Page - Linear Technology

  LTC3200-5 Datasheet HTML 1Page - Linear Technology LTC3200-5 Datasheet HTML 2Page - Linear Technology LTC3200-5 Datasheet HTML 3Page - Linear Technology LTC3200-5 Datasheet HTML 4Page - Linear Technology LTC3200-5 Datasheet HTML 5Page - Linear Technology LTC3200-5 Datasheet HTML 6Page - Linear Technology LTC3200-5 Datasheet HTML 7Page - Linear Technology LTC3200-5 Datasheet HTML 8Page - Linear Technology LTC3200-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3200/LTC3200-5
1
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
The LTC
®3200/LTC3200-5 are low noise, constant fre-
quency switched capacitor voltage doublers. They pro-
duce a regulated output voltage from a 2.7V to 4.5V input
with up to 100mA of output current. Low external parts
count (one flying capacitor and two small bypass capaci-
tors at VIN and VOUT) make the LTC3200/LTC3200-5
ideally suited for small, battery-powered applications.
A new charge-pump architecture maintains constant
switching frequency to zero load and reduces both output
and input ripple. The LTC3200/LTC3200-5 have thermal
shutdown capability and can survive a continuous short-
circuit from VOUT to GND. Built-in soft-start circuitry
prevents excessive inrush current during start-up.
High switching frequency enables the use of small ceramic
capacitors. A low current shutdown feature disconnects
the load from VIN and reduces quiescent current to <1µA.
The LTC3200 is available in an 8-pin MSOP package and
the LTC3200-5 is available in a 6-pin ThinSOT.
s
White LED Backlighting
s
Li-Ion Battery Backup Supplies
s
Local 3V to 5V Conversion
s
Smart Card Readers
s
PCMCIA Local 5V Supplies
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Low Noise Constant Frequency Operation
s
Output Current: 100mA
s
Available in 8-Pin MSOP (LTC3200) and Low
Profile (1mm) 6-Pin ThinSOT
TM (LTC3200-5)
Packages
s
2MHz Switching Frequency
s
Fixed 5V
± 4% Output (LTC3200-5) or ADJ
s
VIN Range: 2.7V to 4.5V
s
Automatic Soft-Start Reduces Inrush Current
s
No Inductors
s
ICC <1µA in Shutdown
Low Noise, Regulated
Charge Pump DC/DC Converters
Regulated 5V Output from a 2.7V to 4.5V Input
Output Ripple Voltage vs Load Current
OUTPUT CURRENT (mA)
0
20
30
100
3200 TA02
10
0
25
50
75
40
COUT = 2.2µF
COUT = 1µF
VIN = 3V
CFLY = 1µF
TA = 25°C
1
LTC3200-5
2
3
6
5
4
VOUT
3200-5 TA01
1
µF
1
µF
1
µF
GND
C+
VIN
C
SHDN
ON
OFF
VIN
2.7V TO 4.5V
VOUT = 5V ±4%
IOUT UP TO 40mA, VIN ≥ 2.7V
IOUT UP TO 100mA, VIN ≥ 3.1V
ALL CAPACITORS = MURATA GRM 39X5R105K6.3AJ
OR TAIYO YUDEN JMK107BJ105MA
ThinSOT is a trademark of Linear Technology Corporation.


Similar Part No. - LTC3200-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3200-5 LINER-LTC3200-5 Datasheet
185Kb / 12P
   DC/DC CONVERTERl
LTC3200-5 LINER-LTC3200-5 Datasheet
193Kb / 12P
   Low Noise, Regulated Charge Pump DC/DC Converters
LTC3200-5 LINER-LTC3200-5 Datasheet
2Mb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
LTC3200-5 LINER-LTC3200-5 Datasheet
1Mb / 16P
   Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
More results

Similar Description - LTC3200-5

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L5200 UTC-L5200_15 Datasheet
403Kb / 7P
   LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
L5200 UTC-L5200 Datasheet
159Kb / 7P
   LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
L5200 UTC-L5200_16 Datasheet
401Kb / 7P
   LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
L5201 UTC-L5201 Datasheet
169Kb / 7P
   LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
Linear Technology
LTC3200 LINER-LTC3200 Datasheet
193Kb / 12P
   Low Noise, Regulated Charge Pump DC/DC Converters
LTC3200 LINER-LTC3200_15 Datasheet
185Kb / 12P
   Low Noise, Regulated Charge Pump DC/DC Converters
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
   Low Noise Regulated Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com