Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1620DG Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # U1620DG
Description  16 Ampere Surface Mount Doubler Polarity Ultra Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

U1620DG Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  U1620DG Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. U1620DG Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25
oC ambient temperature unless otherwise specified.
NOTES :
Feature
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case:TO-263/D2PAK pkg case
High surge current capability
Weight: 2.0 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
(1) Reverse recovery test conditions IF= 0.5A, IR= 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
Epoxy: UL 94V-0 rate flame retardant
Unit : inch (mm)
®
U1620DG thru U1660DG
Pb Free Plating Product
U1620DG thru U1660DG
16 Ampere Surface Mount Doubler Polarity Ultra Fast Recovery Rectifier
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Application
Pb
-55 to + 150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
140
200
400
280
600
420
600
16.0
10.0
175
0.98
35
250
90
2.2
UNIT
V
V
V
V
A
A
uA
uA
o
C
pF
oC
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
o
C
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
o
C
Half sine-wave superimposed on rated load
(JEDEC method)
@ 8.0 A
At Rated DC Blocking Voltage @TJ=125
o
C
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
R JC
Temperature Range
150
U1620DG
Positive
Negative
Doubler
Common Cathode
Case
Case
Case
Common Anode
Suffix "RG"
Suffix "DG"
Suffix "G"
200
400
1.3
1.7
Automotive Inverters/Solar Inverters
Plating Power Supply,Adaptor,SMPS and UPS
Car Audio Amplifiers and Sound Device System
U1640DG U1660DG
Tandem Polarity
/W
Rev.05
D2PAK/TO-263


Similar Part No. - U1620DG

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1620A KEYSIGHT-U1620A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
U1620A KEYSIGHT-U1620A Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
logo
Thinki Semiconductor Co...
U1620G THINKISEMI-U1620G Datasheet
262Kb / 2P
   16 Ampere Surface Mount Common Cathode Ultra Fast Recovery Rectifier
U1620G THINKISEMI-U1620G Datasheet
758Kb / 2P
   16.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
U1620G THINKISEMI-U1620G_18 Datasheet
758Kb / 2P
   16.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
More results

Similar Description - U1620DG

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
UFF160-02DT THINKISEMI-UFF160-02DT Datasheet
269Kb / 2P
   16 Ampere Dual Doubler Polarity Ultra Fast Recovery Half Bridge Rectifier
MUR1020D-CT THINKISEMI-MUR1020D-CT Datasheet
641Kb / 2P
   10.0 Ampere Heatsink Doubler Polarity Ultra Fast Recovery Rectifier
MUR1620E THINKISEMI-MUR1620E Datasheet
264Kb / 2P
   16.0 Ampere Reverse Doubler Polarity Ultra Fast Recovery Rectifier
MUR1620D THINKISEMI-MUR1620D Datasheet
264Kb / 2P
   16.0 Ampere Dual Doubler Polarity Ultra Fast Recovery Rectifier
MUR1020D-N THINKISEMI-MUR1020D-N Datasheet
633Kb / 2P
   10.0 Ampere Heatsink Doubler Polarity Ultra Fast Recovery Rectifier
MUR1680D THINKISEMI-MUR1680D Datasheet
4Mb / 2P
   16.0 Ampere Dual Doubler Polarity Ultra Fast Recovery Rectifier
MUR1620D-CT THINKISEMI-MUR1620D-CT Datasheet
258Kb / 2P
   16.0 Ampere Heatsink Doubler Polarity Ultra Fast Recovery Rectifier
MURB1620CD THINKISEMI-MURB1620CD Datasheet
305Kb / 2P
   16.0 Ampere Surface Mount Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
FS10D20CT THINKISEMI-FS10D20CT Datasheet
298Kb / 2P
   10.0 Ampere Surface Mount Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
FS16D20CT THINKISEMI-FS16D20CT Datasheet
303Kb / 2P
   16.0 Ampere Surface Mount Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com