Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-D30G-21 Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-D30G-21
Description  Easy mounting on P.C. Boards or sockets
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-D30G-21 Datasheet(HTML) 3 Page - BetLux Electronics

  BL-D30G-21 Datasheet HTML 1Page - BetLux Electronics BL-D30G-21 Datasheet HTML 2Page - BetLux Electronics BL-D30G-21 Datasheet HTML 3Page - BetLux Electronics BL-D30G-21 Datasheet HTML 4Page - BetLux Electronics BL-D30G-21 Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LED NUMERIC DISPLAY, 2 DIGIT
BL-D30x-21
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 3 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-D30G-21

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-D30G-21B BETLUX-BL-D30G-21B Datasheet
87Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D30G-21D-4-00 BETLUX-BL-D30G-21D-4-00 Datasheet
87Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D30G-21D-4-01 BETLUX-BL-D30G-21D-4-01 Datasheet
87Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D30G-21D-4-02 BETLUX-BL-D30G-21D-4-02 Datasheet
87Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
BL-D30G-21D-4-03 BETLUX-BL-D30G-21D-4-03 Datasheet
87Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT
More results

Similar Description - BL-D30G-21

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-D30E-21 BETLUX-BL-D30E-21 Datasheet
316Kb / 5P
   Easy mounting on P.C. Boards or sockets
BL-D30I-21 BETLUX-BL-D30I-21 Datasheet
341Kb / 5P
   Easy mounting on P.C. Boards or sockets
logo
DB Lectro Inc
50W-1A11 DBLECTRO-50W-1A11 Datasheet
984Kb / 2P
   MERCURY WETTED RELAYS FOR MOUNTING ON P.C. BOARDS.
60W-1E10 DBLECTRO-60W-1E10 Datasheet
846Kb / 2P
   MERCURY WETTED RELAYS FOR MOUNTING ON P.C. BOARDS.
logo
P-tec Corporation
PDM57300X-W01 P-TEC-PDM57300X-W01 Datasheet
404Kb / 7P
   Easy mounting on PCB or socket
PDC303SM-CXMXXX P-TEC-PDC303SM-CXMXXX Datasheet
806Kb / 9P
   Easy mounting on PCB or socket
PDM88185 P-TEC-PDM88185 Datasheet
713Kb / 8P
   Easy mounting on PCB or socket
PDM58230X-W01 P-TEC-PDM58230X-W01 Datasheet
414Kb / 7P
   Easy mounting on PCB or socket
PDC563SM-CXMXXX P-TEC-PDC563SM-CXMXXX Datasheet
1Mb / 9P
   Easy mounting on PCB or socket
PDM57400X-W01 P-TEC-PDM57400X-W01 Datasheet
407Kb / 7P
   Easy mounting on PCB or socket
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com