Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-LS3020A0S1UWC Datasheet(PDF) 6 Page - BetLux Electronics

Part # BL-LS3020A0S1UWC
Description  3.0mmx2.0mm SMD, 1.3mm THICKNESS PLCC2 package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS3020A0S1UWC Datasheet(HTML) 6 Page - BetLux Electronics

  BL-LS3020A0S1UWC Datasheet HTML 1Page - BetLux Electronics BL-LS3020A0S1UWC Datasheet HTML 2Page - BetLux Electronics BL-LS3020A0S1UWC Datasheet HTML 3Page - BetLux Electronics BL-LS3020A0S1UWC Datasheet HTML 4Page - BetLux Electronics BL-LS3020A0S1UWC Datasheet HTML 5Page - BetLux Electronics BL-LS3020A0S1UWC Datasheet HTML 6Page - BetLux Electronics BL-LS3020A0S1UWC Datasheet HTML 7Page - BetLux Electronics BL-LS3020A0S1UWC Datasheet HTML 8Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SMD LED LAMP
BL-LS3020A0S1
APPRO
VED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.4
Page 6 of 8
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
CODE x
y
CODE x
y
CODE x
y
CODE x
y
1
0.4582
0.4099
8
0.4147
0.3814
15
0.3702
0.3722
22
0.3481
0.3557
0.4687
0.4289
0.4221
0.3984
0.3736
0.3874
0.3370
0.3472
0.4813
0.4319
0.4342
0.4028
0.3869
0.3958
0.3364
0.3328
0.4700
0.4126
0.4259
0.3853
0.3825
0.3798
0.3466
0.3411
2
0.4483
0.3919
9
0.4080
0.3916
16
0.3670
0.3578
23
0.3376
0.3616
0.4582
0.4099
0.4146
0.4089
0.3702
0.3722
0.3260
0.3512
0.4700
0.4126
0.4299
0.4165
0.3825
0.3798
0.3265
0.3371
0.4593
0.3944
0.4221
0.3984
0.3783
0.3646
0.3370
0.3472
3
0.4465
0.4071
10
0.4017
0.3751
17
0.3736
0.3874
24
0.3370
0.3472
0.4562
0.4260
0.4080
0.3916
0.3616
0.3788
0.3265
0.3371
0.4687
0.4289
0.4221
0.3984
0.3592
0.3641
0.3270
0.3230
0.4582
0.4099
0.4147
0.3814
0.3703
0.3726
0.3364
0.3328
4
0.4373
0.3893
11
0.3941
0.3848
18
0.3703
0.3726
25
0.3260
0.3512
0.4465
0.4071
0.3996
0.4015
0.3592
0.3641
0.3144
0.3408
0.4582
0.4099
0.4146
0.4089
0.3568
0.3495
0.3160
0.3274
0.4483
0.3919
0.4080
0.3916
0.3670
0.3578
0.3265
0.3371
5
0.4342
0.4028
12
0.3889
0.3690
19
0.3616
0.3788
26
0.3265
0.3371
0.4430
0.4212
0.3941
0.3848
0.3496
0.3702
0.3160
0.3274
0.4562
0.4260
0.4080
0.3916
0.3481
0.3557
0.3175
0.3139
0.4465
0.4071
0.4017
0.3751
0.3592
0.3641
0.3270
0.3230
6
0.4259
0.3853
13
0.3825
0.3798
20
0.3592
0.3641
27
0.3144
0.3408
0.4342
0.4028
0.3869
0.3958
0.3481
0.3557
0.3028
0.3304
0.4465
0.4071
0.4006
0.4044
0.3466
0.3411
0.3055
0.3177
0.4373
0.3893
0.3950
0.3875
0.3568
0.3495
0.3160
0.3274
7
0.4221
0.3984
14
0.3783
0.3646
21
0.3496
0.3702
28
0.3160
0.3274
0.4299
0.4165
0.3825
0.3798
0.3376
0.3616
0.3055
0.3177
0.4430
0.4212
0.3950
0.3875
0.3370
0.3472
0.3081
0.3049
0.4342
0.4028
0.3898
0.3716
0.3481
0.3557
0.3175
0.3139


Similar Part No. - BL-LS3020A0S1UWC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS3014A0S1 BETLUX-BL-LS3014A0S1 Datasheet
274Kb / 4P
   3.0mmx1.4mm SMD, 1.2mm THICKNESS PLCC2 package
BL-LS3014B1S1 BETLUX-BL-LS3014B1S1 Datasheet
358Kb / 8P
   3.0mmx1.4mm SMD, 0.7mm THICKNESS PLCC2 package
BL-LS3014B1S1UWC-C150 BETLUX-BL-LS3014B1S1UWC-C150 Datasheet
358Kb / 8P
   3.0mmx1.4mm SMD, 0.7mm THICKNESS PLCC2 package
BL-LS3014B1S1UWC-C30 BETLUX-BL-LS3014B1S1UWC-C30 Datasheet
358Kb / 8P
   3.0mmx1.4mm SMD, 0.7mm THICKNESS PLCC2 package
BL-LS3014B1S1UWC-C60 BETLUX-BL-LS3014B1S1UWC-C60 Datasheet
358Kb / 8P
   3.0mmx1.4mm SMD, 0.7mm THICKNESS PLCC2 package
More results

Similar Description - BL-LS3020A0S1UWC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS3528A0S1 BETLUX-BL-LS3528A0S1 Datasheet
373Kb / 8P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package
BL-LS3014A0S1 BETLUX-BL-LS3014A0S1 Datasheet
274Kb / 4P
   3.0mmx1.4mm SMD, 1.2mm THICKNESS PLCC2 package
BL-LS3014B1S1 BETLUX-BL-LS3014B1S1 Datasheet
358Kb / 8P
   3.0mmx1.4mm SMD, 0.7mm THICKNESS PLCC2 package
BL-LS3535A0S1 BETLUX-BL-LS3535A0S1 Datasheet
512Kb / 8P
   SMD LEDs , 3.5mmx3.5mm SMD, 1.15mm THICKNESS PLCC2 package
BL-LS3528C1S1 BETLUX-BL-LS3528C1S1 Datasheet
324Kb / 8P
   POWER SMD LEDs , 3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package
BL-LS3528A0S1IR BETLUX-BL-LS3528A0S1IR Datasheet
308Kb / 4P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package, Infrared LED
BL-LS3528A0S1PD BETLUX-BL-LS3528A0S1PD Datasheet
268Kb / 4P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package, SILICON PHOTO DIODES
logo
Bivar, Inc.
SMS1105OC BIVAR-SMS1105OC Datasheet
1Mb / 5P
   PLCC2 SMD Side View Package LED SMS1105OC, ORANGE
Revision B 02/15
SMS1105YC BIVAR-SMS1105YC Datasheet
1Mb / 5P
   PLCC2 SMD Side View Package LED SMS1105YC, YELLOW
Revision B 02/15
SMS1105BWC BIVAR-SMS1105BWC Datasheet
1Mb / 5P
   PLCC2 SMD Side View Package LED SMS1105BWC, BLUE
Revision B 02/15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com