Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2991 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2991
Description  Single-phase induction motor drive for refrigerator compressor application
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2991 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2991 Datasheet HTML 3Page - STMicroelectronics AN2991 Datasheet HTML 4Page - STMicroelectronics AN2991 Datasheet HTML 5Page - STMicroelectronics AN2991 Datasheet HTML 6Page - STMicroelectronics AN2991 Datasheet HTML 7Page - STMicroelectronics AN2991 Datasheet HTML 8Page - STMicroelectronics AN2991 Datasheet HTML 9Page - STMicroelectronics AN2991 Datasheet HTML 10Page - STMicroelectronics AN2991 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Doc ID 15772 Rev 2
7/14
AN2991
Stalled rotor management
14
2
Stalled rotor management
2.1
Protection by thermal cut-off
In the case of a stalled rotor operation, the over current protection is commonly ensured by
a thermal cut-off. This component, also called “klixon”, is mandatory to prevent the
compressor from over-heating. Klixons are well adapted for motor protection, but not for
semiconductors. Indeed, the turn-off time is in the range of 15 s. The silicon switch will
withstand a high current that will only decrease thanks to the motor winding heating. In
practice, the rms current can fall from 9 A rms to around 4.5 A rms, for a 150 W compressor.
The maximum junction temperature reached by the ACST610-8T can then equal 162 °C as
shown by the simulation results in Figure 7.
As this temperature exceeds the maximum allowed steady state temperature (125 °C),
reliability tests have been performed to check the robustness of the silicon switches after
such stress. ACST610 devices can withstand such currents up to more than 10 thousand
times. This easily covers the number of stalled rotor operations that can happen during the
life cycle of a refrigerator or freezer.
Figure 7. ACST610 junction temperature during stalled rotor operation
-15
-10
-5
0
5
10
15
0
5
10
15
60
80
100
120
140
160
180
0
5
10
15
Current in the device (A)
Junction temperature (°C)
Time (s)
Time (s)


Similar Part No. - AN2991

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN299 SILABS-AN299 Datasheet
1Mb / 4P
   EXTERNAL 32.768 KHZ CRYSTAL OSCILLATOR
logo
STMicroelectronics
AN2994 STMICROELECTRONICS-AN2994 Datasheet
2Mb / 38P
   400 W FOT-controlled PFC pre-regulator with the L6563S
AN2995 STMICROELECTRONICS-AN2995 Datasheet
304Kb / 13P
   Demonstration board user guidelines
More results

Similar Description - AN2991

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11983 SANYO-LB11983 Datasheet
97Kb / 7P
   For Fan Motor Driver for Refrigerator 3-Phase Sensorless Motor Driver
LB11988 SANYO-LB11988_08 Datasheet
85Kb / 6P
   For Refrigerator Fan Motor Driver
logo
Microchip Technology
PIC18FXX39 MICROCHIP-PIC18FXX39 Datasheet
2Mb / 322P
   Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
11/29/12 2002-2013
logo
Sanyo Semicon Device
TND523SS SANYO-TND523SS Datasheet
494Kb / 8P
   Single-phase High Side Drive Application
TND517VS SANYO-TND517VS Datasheet
373Kb / 8P
   Single-phase High Side Drive Application
logo
Microchip Technology
PIC18F4539 MICROCHIP-PIC18F4539 Datasheet
5Mb / 322P
   Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
2002
logo
Omron Electronics LLC
R87BFA3A15HPFR OMRON-R87BFA3A15HPFR Datasheet
32Kb / 2P
   Single-phase shading coil induction motor (2-pole, open type)
logo
Ningbo Leison Motor Co....
LS-2IK06-2GN NINGBO-LS-2IK06-2GN Datasheet
898Kb / 1P
   Induction Motor 6W
LS-5IK60-5GU NINGBO-LS-5IK60-5GU Datasheet
946Kb / 1P
   Induction Motor 60W
logo
Infineon Technologies A...
UG-2020-19 INFINEON-UG-2020-19 Datasheet
2Mb / 31P
   REF_Fridge_D111T_MOS user guide Refrigerator compressor driver reference design kit
V1.0 2020-10-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com