Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3140 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3140
Description  How to configure the SPEAr3xx general purpose timers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3140 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3140 Datasheet HTML 1Page - STMicroelectronics AN3140 Datasheet HTML 2Page - STMicroelectronics AN3140 Datasheet HTML 3Page - STMicroelectronics AN3140 Datasheet HTML 4Page - STMicroelectronics AN3140 Datasheet HTML 5Page - STMicroelectronics AN3140 Datasheet HTML 6Page - STMicroelectronics AN3140 Datasheet HTML 7Page - STMicroelectronics AN3140 Datasheet HTML 8Page - STMicroelectronics AN3140 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
General purpose timers (GPTs) in SPEAr3xx
AN3140
4/14
Doc ID 16997 Rev 1
The SPEAr3xx GPTs always generate precise alarm interrupts, for example in the case of a
system tick for a RTOS. Nevertheless, as you can see in Section 2: Reading a free-running
timer counter, GPTs can return unpredictable read values when they are running and the
input clock is asynchronous (or not in phase).
Table 2.
GPTx clock source selector
Register
Address
Value
GPT1
PRPH_CLK_CFG [08]
0xFCA8_0028 (bit8)
0: PLL3 48 MHz
1: PLL1 (PRSC1_CLK_CFG)
GPT2
PRPH_CLK_CFG[11]
0xFCA8_0028 (bit11)
0: PLL3 48 MHz
1: PLL1 (PRSC2_CLK_CFG)
GPT3
PRPH_CLK_CFG[12]
0xFCA8_0028 (bit12)
0: PLL3 48 MHz
1: PLL1 (PRSC3_CLK_CFG)


Similar Part No. - AN3140

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
AN314 CIRRUS-AN314 Datasheet
339Kb / 10P
   Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
REV1 AUG 2007
logo
STMicroelectronics
AN3141 STMICROELECTRONICS-AN3141 Datasheet
344Kb / 14P
   LC filters for mobile phone LCD and camera links
AN3142 STMICROELECTRONICS-AN3142 Datasheet
841Kb / 44P
   Solution for designing a 400 W fixed-off-time controlled
AN3143 STMICROELECTRONICS-AN3143 Datasheet
256Kb / 13P
   Audio software codec for the STM8S
AN3147 STMICROELECTRONICS-AN3147 Datasheet
376Kb / 25P
   Power management in STM8L and STM8AL
More results

Similar Description - AN3140

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3202 STMICROELECTRONICS-AN3202 Datasheet
167Kb / 11P
   How to configure the SPEAr600 general purpose timers
logo
Silicon Laboratories
AN746 SILABS-AN746 Datasheet
1Mb / 30P
   How to configure the Si4012
logo
STMicroelectronics
AN2669 STMICROELECTRONICS-AN2669 Datasheet
103Kb / 8P
   How to configure the STM8A microcontroller clocks
logo
Analog Devices
ADUCM322I AD-ADUCM322I Datasheet
464Kb / 23P
   general-purpose timers
logo
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
   General Purpose timers
19-0481; Rev 2; 11/92
logo
Intersil Corporation
ICM7555CBA INTERSIL-ICM7555CBA Datasheet
289Kb / 12P
   General Purpose Timers
August 24, 2006
ICM7555 INTERSIL-ICM7555_06 Datasheet
287Kb / 12P
   General Purpose Timers
logo
STMicroelectronics
UM0457 STMICROELECTRONICS-UM0457 Datasheet
382Kb / 9P
   How to use the BT_HTS_RX_R2
logo
Silicon Laboratories
AN837 SILABS-AN837 Datasheet
922Kb / 3P
   How to Configure a Low-Power Timer/Oscillator to Operate from Higher Supply Voltages
logo
STMicroelectronics
AN1828 STMICROELECTRONICS-AN1828 Datasheet
225Kb / 17P
   The document explains how to design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com