Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3171 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3171
Description  The purpose of this application
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3171 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3171 Datasheet HTML 6Page - STMicroelectronics AN3171 Datasheet HTML 7Page - STMicroelectronics AN3171 Datasheet HTML 8Page - STMicroelectronics AN3171 Datasheet HTML 9Page - STMicroelectronics AN3171 Datasheet HTML 10Page - STMicroelectronics AN3171 Datasheet HTML 11Page - STMicroelectronics AN3171 Datasheet HTML 12Page - STMicroelectronics AN3171 Datasheet HTML 13Page - STMicroelectronics AN3171 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AN3171
M24LR64-R memory organization
Doc ID 17229 Rev 1
11/14
3.2.2
I²C_Write_Lock bits
Eight bytes in the system memory area define the I²C_Write_Lock bit value of each sector in
user memory (1 bit for 1 sector).
The I²C_Write_Lock bits can be read through the I²C bus to verify the protection of the user
memory in RF mode.
The C_Write_Lock bits can be modified through the I²C bus only if the I²C password has
been successfully presented.
3.2.3
System parameters
The system parameters (in the system memory) are:
I²C password
three RF passwords
DSFID
AFI
two RFU bytes
eight UID bytes
three Mem_Size bytes
IC Ref
These parameters are read-only. Table 5 shows there location in the system memory.
E2 = 1
44
SSS 47
SSS 46
SSS 45
SSS 44
E2 = 1
48
SSS 51
SSS 50
SSS 49
SSS 48
E2 = 1
52
SSS 55
SSS 54
SSS 53
SSS 52
E2 = 1
56
SSS 59
SSS 58
SSS 51
SSS 56
E2 = 1
60
SSS 63
SSS 62
SSS 61
SSS 60
Table 3.
RF block security status (continued)
I2C byte address
Bits [31:24]
Bits [23:16]
Bits [15:8]
Bits [7:0]
Table 4.
I2C_Write_Lock bits
I2C byte address
Bits [31:24]
Bits [23:16]
Bits [15:8]
Bits [7:0]
E2 = 1
2048
sectors 31-24
sectors 23-16
sectors 15-8
sectors 7-0
E2 = 1
2052
sectors 63-56
sectors 55-48
sectors 47-40
sectors 39-32


Similar Part No. - AN3171

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN317 STMICROELECTRONICS-AN317 Datasheet
47Kb / 3P
   PROTECTION BY TRANSIL HOW TO ENSURE ABSOLUTE SAFETY
AN3172 STMICROELECTRONICS-AN3172 Datasheet
1Mb / 31P
   This application note describes the performance of a 90 W
AN3178 STMICROELECTRONICS-AN3178 Datasheet
310Kb / 11P
   Using a surface-mount inductor as an M24LRxx antenna
More results

Similar Description - AN3171

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2394 STMICROELECTRONICS-AN2394 Datasheet
163Kb / 13P
   The purpose of this application note
UM1755 STMICROELECTRONICS-UM1755 Datasheet
1Mb / 123P
   The purpose of this document is to describe the design of the application
UM1865 STMICROELECTRONICS-UM1865 Datasheet
1Mb / 132P
   The purpose of this document is to describe the design of the application
AN3959 STMICROELECTRONICS-AN3959 Datasheet
4Mb / 65P
   The purpose of this application note is to describe
AN2776 STMICROELECTRONICS-AN2776 Datasheet
168Kb / 20P
   The purpose of this application note is to explain
AN3383 STMICROELECTRONICS-AN3383 Datasheet
5Mb / 29P
   The purpose of this application note is to describe:
AN2495 STMICROELECTRONICS-AN2495 Datasheet
812Kb / 36P
   The purpose of this application note is to explain the design
TN0047 STMICROELECTRONICS-TN0047 Datasheet
133Kb / 9P
   The purpose of this technical
AN4013 STMICROELECTRONICS-AN4013 Datasheet
519Kb / 37P
   The purpose of this document
AN2482 STMICROELECTRONICS-AN2482 Datasheet
865Kb / 18P
   The purpose of this document
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com