Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAF2017(L) Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HAF2017(L)
Description  Silicon N Channel Power MOS FET Power Switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF2017(L) Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HAF2017(L)_15 Datasheet HTML 3Page - Renesas Technology Corp HAF2017(L)_15 Datasheet HTML 4Page - Renesas Technology Corp HAF2017(L)_15 Datasheet HTML 5Page - Renesas Technology Corp HAF2017(L)_15 Datasheet HTML 6Page - Renesas Technology Corp HAF2017(L)_15 Datasheet HTML 7Page - Renesas Technology Corp HAF2017(L)_15 Datasheet HTML 8Page - Renesas Technology Corp HAF2017(L)_15 Datasheet HTML 9Page - Renesas Technology Corp HAF2017(L)_15 Datasheet HTML 10Page - Renesas Technology Corp HAF2017(L)_15 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HAF2017(L), HAF2017(S)
Rev.2.00, Apr.13.2004, page 5 of 8
100
80
60
40
20
-25
0
25
50
75
100 125 150
0
VGS = 4.5 V
ID = 20 A
ID = 20 A
Pulse Test
Case Temperature
Tc (
°C)
Static Drain to Source on State Resistance
vs. Temperature
VGS = 10 V
10 A
10 A
5 A
5 A
100
10
0.1
0.01
1
0.01
0.1
1
10
100
Tc = -25
°C
25
°C
75
°C
Drain Current ID (A)
Forward Transfer Admittance vs.
Drain Current
VDS = 10 V
Pulse Teat
0.1
1
10
30
3
0.3
100
1000
200
500
100
20
10
50
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
0.1
1
10
3
0.3
30
100
r
t
100
20
50
10
2
5
1
V
= 5 V, V
= 30 V
PW = 300
µs, duty < 1 %
GS
DD
t f
d(on)
t
d(off)
t
Drain Current
ID (A)
Switching Characteristics
50
40
30
20
10
0
0.4
0.8
1.2
1.6
2.0
VGS = 0 V
5 V
10 V
Source to Drain Voltage
VDS (V)
Reverse Drain Current vs.
Source to Drain Voltage
Pulse Test
10000
1000
100
10
010
20
30
40
60
50
VGS = 0
f = 1 MHz
Coss
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
di / dt = 50 A /
µs
V
= 0, Ta = 25
°C
GS


Similar Part No. - HAF2017(L)_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAF2017 RENESAS-HAF2017 Datasheet
134Kb / 9P
   Silicon N Channel Power MOSFET Power Switching
HAF2017-90L RENESAS-HAF2017-90L Datasheet
134Kb / 9P
   Silicon N Channel Power MOSFET Power Switching
HAF2017-90S RENESAS-HAF2017-90S Datasheet
134Kb / 9P
   Silicon N Channel Power MOSFET Power Switching
HAF2017-90STL RENESAS-HAF2017-90STL Datasheet
134Kb / 9P
   Silicon N Channel Power MOSFET Power Switching
HAF2017-90STR RENESAS-HAF2017-90STR Datasheet
134Kb / 9P
   Silicon N Channel Power MOSFET Power Switching
More results

Similar Description - HAF2017(L)_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com