Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNST3906F3T5G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LNST3906F3T5G
Description  PNP General Purpose Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LNST3906F3T5G Datasheet(HTML) 1 Page - Leshan Radio Company

  LNST3906F3T5G_15 Datasheet HTML 1Page - Leshan Radio Company LNST3906F3T5G_15 Datasheet HTML 2Page - Leshan Radio Company LNST3906F3T5G_15 Datasheet HTML 3Page - Leshan Radio Company LNST3906F3T5G_15 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP General Purpose
Transistor
TheLNST3906F3T5G device is a spin−off of our popular
SOT−23/SOT−323/SOT−563/SOT−963 three−leaded device. It is
designed for general purpose amplifier applications and is housed in
the SOT−1123 surface mount package. This device is ideal for
low−power surface mount applications where board space is at a
premium.
Features
hFE, 100−300
Low VCE(sat), ≤ 0.4 V
Reduces Board Space
This is a Pb−Free Device
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
−40
Vdc
Collector−Base Voltage
VCBO
−40
Vdc
Emitter−Base Voltage
VEBO
−5.0
Vdc
Collector Current − Continuous
IC
−200
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation, TA = 25°C
Derate above 25°C
PD
(Note 1)
290
2.3
mW
mW/°C
Thermal Resistance,
Junction−to−Ambient
RqJA
(Note 1)
432
°C/W
Total Device Dissipation, TA = 25°C
Derate above 25°C
PD
(Note 2)
347
2.8
mW
mW/°C
Thermal Resistance,
Junction−to−Ambient
RqJA
(Note 2)
360
°C/W
Thermal Resistance,
Junction−to−Lead 3
RYJL
(Note 2)
143
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. 100 mm2 1 oz, copper traces.
2. 500 mm2 1 oz, copper traces.
LNST3906F3T5G
ORDERING INFORMATION
MARKING DIAGRAM
Device
Package
Shipping
LNST3906F3T5G
SOT−1123
(Pb−Free)
8000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SOT−1123
CASE 524AA
STYLE 1
1
3
= Device Code
M = Date Code
2
3
1
3 M
COLLECTOR
3
1
BASE
2
EMITTER
LESHAN RADIO COMPANY, LTD.
LNST3906F3T5G
Rev.O 1/4
S- Prefix for Automotive and Other Applications Requiring Unique Site
and Control Change Requirements; AEC-Q101 Qualified and PPAP Capable.
S-LNST3906F3T5G
S-LNST3906F3T5G


Similar Part No. - LNST3906F3T5G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LNST3906F3T5G LRC-LNST3906F3T5G Datasheet
392Kb / 4P
   PNP General Purpose Transistor
More results

Similar Description - LNST3906F3T5G_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com