Selected language     English  ▼


KTD1347 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part No. KTD1347
Description  EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

   
 3 page
background image
1999. 11. 30
3/3
KTD1347
Revision No : 1
COLLECTOR CURRENT I
(A)
0.03
0.01
10
50
30
0.1
0.3
1
10
3
C
1k
300
100
500
T
f
- I C
CE
V
=10V
COLLECTOR BASE VOLTAGE V
(V)
3
1
1
5
3
10
30
100
CB
100
30
10
50
ob
C
- VCB
f=1MHz
5
50
200
1.2
AMBIENT TEMPERATURE Ta ( C)
0.8
1.0
0.4
0.2
0.6
0
020
120
40
60
100
80
160
140
1.8
1.6
1.4
Pc - Ta
COLLECTOR EMITTER VOLTAGE V
(V)
Ta=25 C ONE PULSE
0.3
0.05
0.5
0.3
0.1
0.03
0.02
0.1
1
DC
O
peration
13
10
CE
100
30
SAFE OPERATING AREA
I
MAX.
CP
10
5
3
I
C




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KTB985EPITAXIAL PLANAR PNP TRANSISTOR VOLTAGE REGULATOR RELAY DRIVERS LAMP DRIVER ELECTRICAL EQUIPMENT 1 2 3 KEC(Korea Electronics)
KTB1124EPITAXIAL PLANAR PNP TRANSISTOR VOLTAGE REGULATOR RELAY LAMP DRIVER ELECTRICAL EQUIPMENT 1 2 3 KEC(Korea Electronics)
KTC4378EPITAXIAL PLANAR NPN TRANSISTOR VOLTAGE REGULATOR RELAY LAMP DRIVER INDUSTRIAL USE 1 2 3 KEC(Korea Electronics)
KTC2804EPITAXIAL PLANAR NPN TRANSISTOR AUDIO AMPLIFIER VOLTAGE REGULATOR DC-DC CONVERTER RELAY DRIVER 1 2 KEC(Korea Electronics)
KTD863EPITAXIAL PLANAR NPN TRANSISTOR VOLTAGE REGULATOR RELAY RAMP DRIVER INDUSTRIAL USE 1 2 3 KEC(Korea Electronics)
MPS651EPITAXIAL PLANAR NPN TRANSISTOR VOLTAGE REGULATOR RELAY RAMP DRIVER INDUSTRIAL USE 1 2 3 KEC(Korea Electronics)
KTA1668EPITAXIAL PLANAR PNP TRANSISTOR VOLTAGE REGULATOR RELAY LAMP DRIVER INDUSTRIAL 1 2 3 KEC(Korea Electronics)
KTC1008EPITAXIAL PLANAR NPN TRANSISTOR VOLTAGE REGULATOR RELAY RAMP DRIVER INDUSTRIAL USE 1 2 KEC(Korea Electronics)
KTA1705EPITAXIAL PLANAR PNP TRANSISTOR AUDIO AMPLIFIER VOLTAGE REGULATOR DC-DC CONVERTER RELAY DRIVER 1 2 KEC(Korea Electronics)
KTD1145EPITAXIAL PLANAR NPN TRANSISTOR RELAY DRIVE HAMMER DIRVE LAMP DRIVE STROBO DC-DC CONVERTER MOTOR DRIVE 1 2 KEC(Korea Electronics)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl