Selected language     English  ā–¼


KTD1347 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part No. KTD1347
Description  EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

   
 2 page
background image
1999. 11. 30
2/3
KTD1347
Revision No : 1
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
10
0.3
0.1
0.03
0.01
COLLECTOR CURRENT I
(A)
C
h
- I
CE
COLLECTOR EMITTER VOLTAGE V
(V)
02
4
6
0
0.4
0.8
1.2
1.6
2.0
1.0
2.0
3.0
4.0
5.0
I =0
B
FE
C
13
10
30
50
100
300
500
1k
V
=2V
CE
810
12
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
5mA
10mA
20mA
40mA
60mA
100mA
0
0
0.8
1.6
2.4
3.2
BASE EMITTER VOLTAGE V
(V)
0.4
I - V
C
BE
BE
0.2
0.6
0.8
1.0
1.2
0.4
1.2
2.0
2.8
V
=2V
CE
CE
I
- V
C
14
16
18
20
2.0
0.01
10
100
30
50
500
300
1K
COLLECTOR CURRENT I
(A)
0.1
0.03
0.3
1
C
310
V
- I
CE(sat)
C
I /I =20
C B
80mA
I =0
B
1mA
2mA
3mA
4mA
5mA
6mA
7mA
8mA
Ta=75 C
Ta=-25 C
Ta=25 C
I /I =20
Ta=25 C
COLLECTOR CURRENT I
(A)
0.01
0.03
0.1
0.3
0.5
1
3
5
310
1
0.3
0.1
C
Ta=75 C
Ta=-25 C
C B
10
V
- I
BE(sat)
C




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KTB985EPITAXIAL PLANAR PNP TRANSISTOR VOLTAGE REGULATOR RELAY DRIVERS LAMP DRIVER ELECTRICAL EQUIPMENT 1 2 3 KEC(Korea Electronics)
KTB1124EPITAXIAL PLANAR PNP TRANSISTOR VOLTAGE REGULATOR RELAY LAMP DRIVER ELECTRICAL EQUIPMENT 1 2 3 KEC(Korea Electronics)
KTC4378EPITAXIAL PLANAR NPN TRANSISTOR VOLTAGE REGULATOR RELAY LAMP DRIVER INDUSTRIAL USE 1 2 3 KEC(Korea Electronics)
KTC2804EPITAXIAL PLANAR NPN TRANSISTOR AUDIO AMPLIFIER VOLTAGE REGULATOR DC-DC CONVERTER RELAY DRIVER 1 2 KEC(Korea Electronics)
KTD863EPITAXIAL PLANAR NPN TRANSISTOR VOLTAGE REGULATOR RELAY RAMP DRIVER INDUSTRIAL USE 1 2 3 KEC(Korea Electronics)
MPS651EPITAXIAL PLANAR NPN TRANSISTOR VOLTAGE REGULATOR RELAY RAMP DRIVER INDUSTRIAL USE 1 2 3 KEC(Korea Electronics)
KTA1668EPITAXIAL PLANAR PNP TRANSISTOR VOLTAGE REGULATOR RELAY LAMP DRIVER INDUSTRIAL 1 2 3 KEC(Korea Electronics)
KTC1008EPITAXIAL PLANAR NPN TRANSISTOR VOLTAGE REGULATOR RELAY RAMP DRIVER INDUSTRIAL USE 1 2 KEC(Korea Electronics)
KTA1705EPITAXIAL PLANAR PNP TRANSISTOR AUDIO AMPLIFIER VOLTAGE REGULATOR DC-DC CONVERTER RELAY DRIVER 1 2 KEC(Korea Electronics)
KTD1145EPITAXIAL PLANAR NPN TRANSISTOR RELAY DRIVE HAMMER DIRVE LAMP DRIVE STROBO DC-DC CONVERTER MOTOR DRIVE 1 2 KEC(Korea Electronics)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl