Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRB751V-40T1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LRB751V-40T1G
Description  SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LRB751V-40T1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LRB751V-40T1G_15 Datasheet HTML 1Page - Leshan Radio Company LRB751V-40T1G_15 Datasheet HTML 2Page - Leshan Radio Company LRB751V-40T1G_15 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHOTTKY BARRIER DIODE
LRB751V- 40T1G
MAXIMUM RATINGS (TA = 25
°C)
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
40
V
DC reverse voltage
VR
30
V
Mean rectifying current
IO
30
mA
Peak forward surge current*
IFSM
200
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
-40~+125
°C
*60Hz for 1
ELECTRICAL CHARACTERISTICS(TA= 25
°C)
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
Forward voltage
V
F
--
F=1mA
Reverse current
IR
--
0.5
µAV
R=30V
Capacitance between terminals
C
T
-
2.0
-
pF
V
R=1V,f=1MHz
DEVICE MARKING
LRB751V-40T1
G= 5E
SC-76/SOD-323
Features
(1)Small surface mounting type SC-76/SOD-323
(2)Low reverse current and low forward voltage.
(3)High reliability
Construction
silicon epitaxial planar
1
CATHODE
2
ANODE
ORDERING INFORMATION
Device
Package
Shipping
LRB751V-40T1G
SOD-323/SC-76
3000/Tape&Reel
LRB751V-40T3G
SOD-323/SC-76
10000/Tape&Reel
LESHAN RADIO COMPANY, LTD.
We declare that the material of product
compliance with RoHS requirements.
0.37
V
I
Rev.O 1/3
S-LRB751V-40T1G
S- Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC-Q101
Qualified and PPAP Capable.
S-LRB751V-40T1G
S-LRB751V-40T3G


Similar Part No. - LRB751V-40T1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LRB751V-40T1G LRC-LRB751V-40T1G_11 Datasheet
108Kb / 3P
   SCHOTTKY BARRIER DIODE High reliability
More results

Similar Description - LRB751V-40T1G_15

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com