Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD703003AGC-25 Datasheet(PDF) 4 Page - NEC

Part # UPD703003AGC-25
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003AGC-25 Datasheet(HTML) 4 Page - NEC

  UPD703003AGC-25 Datasheet HTML 1Page - NEC UPD703003AGC-25 Datasheet HTML 2Page - NEC UPD703003AGC-25 Datasheet HTML 3Page - NEC UPD703003AGC-25 Datasheet HTML 4Page - NEC UPD703003AGC-25 Datasheet HTML 5Page - NEC UPD703003AGC-25 Datasheet HTML 6Page - NEC UPD703003AGC-25 Datasheet HTML 7Page - NEC UPD703003AGC-25 Datasheet HTML 8Page - NEC UPD703003AGC-25 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
µPD703003A, 703004A, 703025A
4
Data Sheet U13188EJ4V0DS00
INTERNAL BLOCK DIAGRAM
Notes 1.
µPD703003A:
128 KB
µPD703004A:
96 KB
µPD703025A:
256 KB
2.
µPD703003A, 703004A: 4 KB
µPD703025A:
8 KB
NMI
TO110, TO111
TO120, TO121
TO130, TO131
TO140, TO141
INTP110 to INTP113
INTP120 to INTP123
INTP130 to INTP133
INTP140 to INTP143
TCLR11 to TCLR14
TI11 to TI14
INTC
RPU
SIO
Mask ROM
RAM
Note 2
Note 1
CPU
PC
32-bit
barrel shifter
System
registers
General-purpose
registers
32 bits
× 32
ALU
Multiplier
16
× 16 → 32
Port
CG
BCU
Instruction
queue
ASTB
DSTB
R/W
UBEN
LBEN
WAIT
A16 to A19
AD0 to AD15
HLDRQ
HLDAK
CLKOUT
X1
X2
MODE
RESET
UART0/CSI0
BRG0
UART1/CSI1
BRG1
CSI2
BRG2
CSI3
PWM
SO0/TXD0
SI0/RXD0
SCK0
SO1/TXD1
SI1/RXD1
SCK1
SO2
SI2
SCK2
SO3
SI3
SCK3
PWM0, PWM1
A/D
converter
D/A
converter
VDD
VSS
CVDD
CVSS
CKSEL


Similar Part No. - UPD703003AGC-25

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703003AGC-25 NEC-UPD703003AGC-25 Datasheet
32Kb / 4P
   32-bit RISC Microcontrollers
More results

Similar Description - UPD703003AGC-25

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3003A NEC-UPD70F3003A Datasheet
295Kb / 44P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD703003 NEC-UPD703003 Datasheet
452Kb / 82P
   V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com