Selected language     English  ā–¼


KTD1411 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part No. KTD1411
Description  EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE DARLINGTON)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

   
 1 page
background image
2003. 7. 24
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTD1411
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 2
GENERAL PURPOSE DARLINGTON TRANSISTOR.
FEATURES
High DC Current Gain : hFE=3000(Min.)
(VCE=2V, IC=1A)
MAXIMUM RATING (Ta=25 )
TO-126
H
J
MILLIMETERS
C
E
F
G
D
A
B
DIM
A
C
E
F
G
H
J
K
M
O
P
N
L
D
1. EMITTER
2. COLLECTOR
3. BASE
K
L
M
N
O
P
8.3 MAX
5.8
0.7
Ī¦3.2 0.1
3.5
11.0 0.3
2.9 MAX
1.0 MAX
1.9 MAX
0.75 0.15
2.3 0.1
0.65 0.15
1.6
3.4 MAX
B
1
23
+_
+_
+_
15.50 0.5
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
10
V
Collector Current
IC
4
A
Base Current
IB
0.5
A
Collector Power Dissipation (Tc=25 )
PC
15
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=80V, IE=0
-
-
20
A
Emitter Cut-off Current
IEBO
VEB=10V, IC=0
-
-
100
A
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=10mA, IB=0
60
-
-
V
DC Current Gain
hFE(1)
VCE=2V, IC=1A
3000
-
-
hFE(2)
VCE=2V, IC=3A
1000
-
-
Saturation Voltage
Collector-Emitter
VCE(sat)
IC=3A, IB=30mA
-
-
1.5
V
Base-Emitter
VBE(sat)
IC=3A, IB=30mA
-
-
2.0




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BC517EPITAXIAL PLANAR NPN TRANSISTOR GENERAL PURPOSE HIGH DARLINGTON TRANSISTOR 1 2 KEC(Korea Electronics)
KTD2424EPITAXIAL PLANAR NPN TRANSISTOR GENERAL PURPOSE DARLINGTON 1 KEC(Korea Electronics)
MMBTA13EPITAXIAL PLANAR NPN TRANSISTOR GENERAL PURPOSE DARLINGTON TRANSISTOR 1 2 KEC(Korea Electronics)
MMBTA517EPITAXIAL PLANAR NPN TRANSISTOR GENERAL PURPOSE HIGH DARLINGTON TRANSISTOR 1 2 KEC(Korea Electronics)
MPSA13EPITAXIAL PLANAR NPN TRANSISTOR GENERAL PURPOSE DARLINGTON TRANSISTOR 1 2 KEC(Korea Electronics)
BC847N3General Purpose NPN Epitaxial Planar Transistor 1 2 3 4 Cystech Electonics Corp.
BTN3904N3General Purpose NPN Epitaxial Planar Transistor 1 2 3 4 Cystech Electonics Corp.
KTC4369EPITAXIAL PLANAR NPN TRANSISTOR GENERAL PURPOSE 1 2 KEC(Korea Electronics)
KTC801UEPITAXIAL PLANAR NPN TRANSISTOR GENERAL PURPOSE SWITCHING 1 2 3 KEC(Korea Electronics)
KTC945EPITAXIAL PLANAR NPN TRANSISTOR GENERAL PURPOSE SWITCHING 1 2 KEC(Korea Electronics)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl