Selected language     English  ā–¼


KTD1411 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part No. KTD1411
Description  EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE DARLINGTON)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

   
 2 page
background image
2/2
KTD1411
Revision No : 2
0
COLLECTOR CURRENT I (A)
C
0
AMBIENT TEMPERATURE Ta ( C)
C
P - Ta
V
- I
h
- I
C
COLLECTOR CURRENT I (A)
0.1
0.3 0.5
1
FE
C
35
10
V =2V
CE
CE(sat)
C
50
4
8
12
16
500
1k
3k
5k
10k
30k
COMMON EMITTER
0.1
0
C
0.3 0.5
1
35
10
0.4
0.8
1.2
1.6
2.0
1.8
1.4
1.0
0.6
0.2
I - V
BE
BASE EMITTER VOLTAGE V
(V)
BE
C
V =3V
0
0
CE
0.5
1
1.5
2
1
2
3
4
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
1
3
10
100
0.1
30
550
0.3
0.5
1
3
5
10
CURVES MUST BE DERATED
LINEARLY WITH INCREASE IN
SINGLE NONREPETITIVE
PULSE Tc=25 C
*
I MAX.(PULSED)*
C
C
I MAX.(CONTINUOUS)
100
150
200
25
75
125
175
18
2
6
10
14
I /I =100
B
Tc=Ta
INFINITE HEAT SINK
TEMPERATURE
2003. 7. 24




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BC517EPITAXIAL PLANAR NPN TRANSISTOR GENERAL PURPOSE HIGH DARLINGTON TRANSISTOR 1 2 KEC(Korea Electronics)
KTD2424EPITAXIAL PLANAR NPN TRANSISTOR GENERAL PURPOSE DARLINGTON 1 KEC(Korea Electronics)
MMBTA13EPITAXIAL PLANAR NPN TRANSISTOR GENERAL PURPOSE DARLINGTON TRANSISTOR 1 2 KEC(Korea Electronics)
MMBTA517EPITAXIAL PLANAR NPN TRANSISTOR GENERAL PURPOSE HIGH DARLINGTON TRANSISTOR 1 2 KEC(Korea Electronics)
MPSA13EPITAXIAL PLANAR NPN TRANSISTOR GENERAL PURPOSE DARLINGTON TRANSISTOR 1 2 KEC(Korea Electronics)
BC847N3General Purpose NPN Epitaxial Planar Transistor 1 2 3 4 Cystech Electonics Corp.
BTN3904N3General Purpose NPN Epitaxial Planar Transistor 1 2 3 4 Cystech Electonics Corp.
KTC4369EPITAXIAL PLANAR NPN TRANSISTOR GENERAL PURPOSE 1 2 KEC(Korea Electronics)
KTC801UEPITAXIAL PLANAR NPN TRANSISTOR GENERAL PURPOSE SWITCHING 1 2 3 KEC(Korea Electronics)
KTC945EPITAXIAL PLANAR NPN TRANSISTOR GENERAL PURPOSE SWITCHING 1 2 KEC(Korea Electronics)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl