Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-LS3528A0S1IR Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-LS3528A0S1IR
Description  3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package, Infrared LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS3528A0S1IR Datasheet(HTML) 1 Page - BetLux Electronics

  BL-LS3528A0S1IR Datasheet HTML 1Page - BetLux Electronics BL-LS3528A0S1IR Datasheet HTML 2Page - BetLux Electronics BL-LS3528A0S1IR Datasheet HTML 3Page - BetLux Electronics BL-LS3528A0S1IR Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD INFRARED EMITTING DIODES
BL-LS3528A0S1IR
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 1 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package, Infrared LED
High Reliability
Peak Wavelength at 940, 880, 850nm
Water Clear, yellow Transparent, Blue Transparent available
IC compatible /Low current capability.
PACKAGE: 2KPCS/REEL.
RoHs Compliance
Applications:
Free air transmission system
Infrared remote control units with high power requirement
Smoke detector
Infrared Camera
Infrared applied system
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=50mA)
Chip
Forward
Voltage(VF)
Unit:V
Radiant
Power
(mw/sr)
Part Number
Material
P
(nm)
Lens Type
∆λ
Ir
(Vr=5
V,
uA)
Typ
Max
Typ
Viewi
ng
Angle
2θ1/2
(deg)
BL-LS3528A0S1IRAC
GaAs
940
Water Clear
50
10
1.40
1.60
30
BL-LS3528A0S1IRAB
GaAs
940
Blue Trans.
50
10
1.40
1.60
30
BL-LS3528A0S1IRBC
GaAlAs
880
Water Clear
50
10
1.70
2.00
30
BL-LS3528A0S1IRBB
GaAlAs
880
Blue Trans.
50
10
1.70
2.00
30
BL-LS3528A0S1IRCC
GaAlAs
850
Water Clear
50
10
1.70
2.00
50
BL-LS3528A0S1IRCB
GaAlAs
850
Blue Trans.
50
10
1.70
2.00
50
BL-LS3528A0S1IRCY
GaAlAs
850
Yellow Trans.
50
10
1.70
2.00
50
120
Absolute maximum ratings (Ta=25°C)
Parameter
Rating
Unit
Forward Current IF
50
mA
Power Dissipation Pd
160
mW
Reverse Voltage VR
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
250
mA
Operation Temperature TOPR
-40 to +100
°C
Storage Temperature TSTG
-40 to +100
°C
Lead Soldering Temperature
TSOL
Max.260±5°C for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
°C


Similar Part No. - BL-LS3528A0S1IR

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS3528A0S1 BETLUX-BL-LS3528A0S1 Datasheet
373Kb / 8P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package
BL-LS3528A0S1PD BETLUX-BL-LS3528A0S1PD Datasheet
268Kb / 4P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package, SILICON PHOTO DIODES
BL-LS3528A0S1PGC BETLUX-BL-LS3528A0S1PGC Datasheet
373Kb / 8P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package
BL-LS3528A0S1UBC BETLUX-BL-LS3528A0S1UBC Datasheet
373Kb / 8P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package
BL-LS3528A0S1UEC BETLUX-BL-LS3528A0S1UEC Datasheet
373Kb / 8P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package
More results

Similar Description - BL-LS3528A0S1IR

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS3528A0S1 BETLUX-BL-LS3528A0S1 Datasheet
373Kb / 8P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package
BL-LS3528C1S1 BETLUX-BL-LS3528C1S1 Datasheet
324Kb / 8P
   POWER SMD LEDs , 3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package
BL-LS3528A0S1PD BETLUX-BL-LS3528A0S1PD Datasheet
268Kb / 4P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package, SILICON PHOTO DIODES
BL-LS3528B0S2 BETLUX-BL-LS3528B0S2 Datasheet
306Kb / 5P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC4 package
BL-LS3528B1S3 BETLUX-BL-LS3528B1S3 Datasheet
506Kb / 7P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC4 package
BL-LS3014A0S1 BETLUX-BL-LS3014A0S1 Datasheet
274Kb / 4P
   3.0mmx1.4mm SMD, 1.2mm THICKNESS PLCC2 package
BL-LS3020A0S1 BETLUX-BL-LS3020A0S1 Datasheet
327Kb / 8P
   3.0mmx2.0mm SMD, 1.3mm THICKNESS PLCC2 package
BL-LS3014B1S1 BETLUX-BL-LS3014B1S1 Datasheet
358Kb / 8P
   3.0mmx1.4mm SMD, 0.7mm THICKNESS PLCC2 package
BL-LS3535A0S1 BETLUX-BL-LS3535A0S1 Datasheet
512Kb / 8P
   SMD LEDs , 3.5mmx3.5mm SMD, 1.15mm THICKNESS PLCC2 package
logo
Bivar, Inc.
SMS1105OC BIVAR-SMS1105OC Datasheet
1Mb / 5P
   PLCC2 SMD Side View Package LED SMS1105OC, ORANGE
Revision B 02/15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com