Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-LS3528A0S1UYO Datasheet(PDF) 7 Page - BetLux Electronics

Part # BL-LS3528A0S1UYO
Description  3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS3528A0S1UYO Datasheet(HTML) 7 Page - BetLux Electronics

  BL-LS3528A0S1UYO Datasheet HTML 1Page - BetLux Electronics BL-LS3528A0S1UYO Datasheet HTML 2Page - BetLux Electronics BL-LS3528A0S1UYO Datasheet HTML 3Page - BetLux Electronics BL-LS3528A0S1UYO Datasheet HTML 4Page - BetLux Electronics BL-LS3528A0S1UYO Datasheet HTML 5Page - BetLux Electronics BL-LS3528A0S1UYO Datasheet HTML 6Page - BetLux Electronics BL-LS3528A0S1UYO Datasheet HTML 7Page - BetLux Electronics BL-LS3528A0S1UYO Datasheet HTML 8Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SMD LED LAMP
BL-LS3528A0S1
APPRO
VED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.5
Page 7 of 8
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Typical electrical-optical characteristics curves:
1.0
0.5
0
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
(A)
(B)
(C)
(D)
(2)
(3)
(8)
(4)
(1) (6)
(5)
(9)
(10)
Wavelength(nm)
RELATIVE INTENSITY Vs WAVELENGTH(
)
λ p
(1) - GaAsP/GaAs 655nm/Red
(2) - GaP 570nm/Yellow Green
(3) - GaAsP/GaP 585nm/Yellow
(4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red
(5) - GaP 700nm/Bright Red
(6) - GaAlAs/GaAs 660nm/Super Red
(8) - GaAsP/GaP 610nm/Super Red
(9) - GaAlAs 880nm
(10) - GaAs/GaAs & GaAlAs/GaAs 940nm
(A) - GaN/SiC 430nm/Blue
(B) - InGaN/SiC 470nm/Blue
(C) -
(D) -
InGaN/SiC 505nm/Ultra Green
InGaAl/SiC 525nm/Ultra Green
50
40
30
20
10
0
1.2
1.6
2.0
2.4
2.6
3.0
16
3
45
2
8
4.0
3.0
2.0
1.0
0
20
40
60
80
100
1
5
B
50
40
30
20
10
0
20
40
60
80
100
1
6
2,4,8,A
3
5
3
2
1
0.5
0.2
0.1
-30
-20
-10
0
10
2030
4050
6070
1
5
4
2
3
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
10KHz
3KHz
1KHz
300KHz
100KHz F-REFRESH RATE
100KHz
30KHz
10KHz
3KHz
1KHz
300Hz
100Hz
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
FORWARD VOLTAGE (Vf)
FORWARD CURRENT VS.
FORWARD VOLTAGE
RELATIVE LUMINOUS
INTENSITY VS. FORWARD
CURRENT
AMBIENT TEMPERATURE Ta( )
FORWARD CURRENT VS. AMBIENT
TEMPERATURE
tp-PULSE DURATION uS
(1,2,3,4,6,8,B.D.J.K)
NOTE:25
free air temperature unless otherwise specified
tp-PULSE DURATION uS
FORWARD CURRENT (mA)
AMBIENT TEMPERATURE Ta( )
(5)


Similar Part No. - BL-LS3528A0S1UYO

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS3528A0S1IR BETLUX-BL-LS3528A0S1IR Datasheet
308Kb / 4P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package, Infrared LED
BL-LS3528A0S1IRAB BETLUX-BL-LS3528A0S1IRAB Datasheet
308Kb / 4P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package, Infrared LED
BL-LS3528A0S1IRAC BETLUX-BL-LS3528A0S1IRAC Datasheet
308Kb / 4P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package, Infrared LED
BL-LS3528A0S1IRBB BETLUX-BL-LS3528A0S1IRBB Datasheet
308Kb / 4P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package, Infrared LED
BL-LS3528A0S1IRBC BETLUX-BL-LS3528A0S1IRBC Datasheet
308Kb / 4P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package, Infrared LED
More results

Similar Description - BL-LS3528A0S1UYO

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS3528A0S1IR BETLUX-BL-LS3528A0S1IR Datasheet
308Kb / 4P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package, Infrared LED
BL-LS3528C1S1 BETLUX-BL-LS3528C1S1 Datasheet
324Kb / 8P
   POWER SMD LEDs , 3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package
BL-LS3528A0S1PD BETLUX-BL-LS3528A0S1PD Datasheet
268Kb / 4P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package, SILICON PHOTO DIODES
BL-LS3528B0S2 BETLUX-BL-LS3528B0S2 Datasheet
306Kb / 5P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC4 package
BL-LS3528B1S3 BETLUX-BL-LS3528B1S3 Datasheet
506Kb / 7P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC4 package
BL-LS3014A0S1 BETLUX-BL-LS3014A0S1 Datasheet
274Kb / 4P
   3.0mmx1.4mm SMD, 1.2mm THICKNESS PLCC2 package
BL-LS3020A0S1 BETLUX-BL-LS3020A0S1 Datasheet
327Kb / 8P
   3.0mmx2.0mm SMD, 1.3mm THICKNESS PLCC2 package
BL-LS3014B1S1 BETLUX-BL-LS3014B1S1 Datasheet
358Kb / 8P
   3.0mmx1.4mm SMD, 0.7mm THICKNESS PLCC2 package
BL-LS3535A0S1 BETLUX-BL-LS3535A0S1 Datasheet
512Kb / 8P
   SMD LEDs , 3.5mmx3.5mm SMD, 1.15mm THICKNESS PLCC2 package
logo
Bivar, Inc.
SMS1105OC BIVAR-SMS1105OC Datasheet
1Mb / 5P
   PLCC2 SMD Side View Package LED SMS1105OC, ORANGE
Revision B 02/15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com