Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-M07A571D-XX Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-M07A571D-XX
Description  17.80mm (0.7) : u1.8 dot matrix LED display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-M07A571D-XX Datasheet(HTML) 3 Page - BetLux Electronics

  BL-M07A571D-XX Datasheet HTML 1Page - BetLux Electronics BL-M07A571D-XX Datasheet HTML 2Page - BetLux Electronics BL-M07A571D-XX Datasheet HTML 3Page - BetLux Electronics BL-M07A571D-XX Datasheet HTML 4Page - BetLux Electronics BL-M07A571D-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LED DOT MATRIX
BL-M07A571
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 3 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-M07A571D-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-M07A571D BETLUX-BL-M07A571D Datasheet
79Kb / 4P
   LED DOT MATRIX
BL-M07A571DUG BETLUX-BL-M07A571DUG Datasheet
73Kb / 3P
   LED DOT MATRIX
More results

Similar Description - BL-M07A571D-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-M07C571 BETLUX-BL-M07C571 Datasheet
342Kb / 5P
   17.80mm (0.7) :u1.8 dot matrix LED display
BL-M15AFF1 BETLUX-BL-M15AFF1 Datasheet
453Kb / 5P
   40.00mm (1.5) :u1.8 dot matrix LED display
logo
Ningbo Foryard Optoelec...
FYM-7571AX-00 FORYARD-FYM-7571AX-00 Datasheet
431Kb / 5P
   0.70 inch (17.80mm) Matrix height, Dot Matrix Display
FYM-7571A-BW-X5 FORYARD-FYM-7571A-BW-X5 Datasheet
431Kb / 5P
   0.70 inch (17.80mm) Matrix height, Dot Matrix Display
FYM-7571CX-00 FORYARD-FYM-7571CX-00 Datasheet
431Kb / 5P
   0.70 inch (17.80mm) Matrix height, Dot Matrix Display
logo
BetLux Electronics
BL-M07A881 BETLUX-BL-M07A881 Datasheet
367Kb / 5P
   20.20mm (0.7) :u1.9 dot matrix LED display
logo
China Semiconductor Cor...
CSM-57031G CHINASEMI-CSM-57031G Datasheet
217Kb / 6P
   0.7 Inch Dot-Matrix Display
logo
Unity Opto Technology
UVP-7X7 UOT-UVP-7X7 Datasheet
86Kb / 5P
   0.7 inch ( 17.22mm ) 5X7 DOT MATRIX LED DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BM-07257ND-AA BRIGHT-BM-07257ND-AA Datasheet
263Kb / 4P
   17.70mm(0.7) matrix height 5횞7 dot matrix display
logo
List of Unclassifed Man...
LTP-747R ETC1-LTP-747R Datasheet
85Kb / 1P
   0.7 inch -5x7 LED DOT MATRIX
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com