Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-M07A881S-XX Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-M07A881S-XX
Description  20.20mm (0.7) :u1.9 dot matrix LED display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-M07A881S-XX Datasheet(HTML) 2 Page - BetLux Electronics

  BL-M07A881S-XX Datasheet HTML 1Page - BetLux Electronics BL-M07A881S-XX Datasheet HTML 2Page - BetLux Electronics BL-M07A881S-XX Datasheet HTML 3Page - BetLux Electronics BL-M07A881S-XX Datasheet HTML 4Page - BetLux Electronics BL-M07A881S-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LED DOT MATRIX
BL-M07X881
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 2 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Absolute maximum ratings (Ta=25°C)
Parameter
S
D
UR
E
Y
G
Unit
Forward Current
IF
25
25
25
25
25
30
mA
Power Dissipation Pd
60
60
60
60
60
65
mW
Reverse Voltage VR
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
mA
Operation Temperature TOPR
-40 to +80
°C
Storage Temperature TSTG
-40 to +85
°C
Lead Soldering Temperature
TSOL
Max.260±5°C for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
°C
Absolute maximum ratings (Ta=25°C)
Parameter
UHR
UE
YO
UY
UG
PG
B
W
U
nit
Forward Current
IF
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
75
65
65
65
75
110
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
100
100
mA
Operation Temperature TOPR
-40 to +80
°C
Storage Temperature TSTG
-40 to +85
°C
Lead Soldering Temperature
TSOL
Ma x.260±5°C for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
°C


Similar Part No. - BL-M07A881S-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-M07A881S BETLUX-BL-M07A881S Datasheet
159Kb / 4P
   LED DOT MATRIX
BL-M07A881SG BETLUX-BL-M07A881SG Datasheet
199Kb / 3P
   LED DOT MATRIX
More results

Similar Description - BL-M07A881S-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-M07C881 BETLUX-BL-M07C881 Datasheet
367Kb / 5P
   20.20mm (0.8) :u1.9 dot matrix LED display
logo
BRIGHT LED ELECTRONICS ...
BM-08288MD BRIGHT-BM-08288MD Datasheet
314Kb / 3P
   20.20mm(0.8) matrix height 8횞8 dot matrix display
logo
BetLux Electronics
BL-M07C571 BETLUX-BL-M07C571 Datasheet
342Kb / 5P
   17.80mm (0.7) :u1.8 dot matrix LED display
logo
Ningbo Foryard Optoelec...
FYM-7881AW-X5 FORYARD-FYM-7881AW-X5 Datasheet
508Kb / 5P
   0.70 inch (20.20mm) Matrix height, Dot Matrix Display
logo
BetLux Electronics
BL-M07A571 BETLUX-BL-M07A571 Datasheet
343Kb / 5P
   17.80mm (0.7) : u1.8 dot matrix LED display
logo
China Semiconductor Cor...
CSM-57031G CHINASEMI-CSM-57031G Datasheet
217Kb / 6P
   0.7 Inch Dot-Matrix Display
logo
Unity Opto Technology
UVP-7X7 UOT-UVP-7X7 Datasheet
86Kb / 5P
   0.7 inch ( 17.22mm ) 5X7 DOT MATRIX LED DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BM-07257ND-AA BRIGHT-BM-07257ND-AA Datasheet
263Kb / 4P
   17.70mm(0.7) matrix height 5횞7 dot matrix display
logo
List of Unclassifed Man...
LTP-747R ETC1-LTP-747R Datasheet
85Kb / 1P
   0.7 inch -5x7 LED DOT MATRIX
logo
Yellow Stone Corp
BM-10288 YSTONE-BM-10288 Datasheet
188Kb / 1P
   LED DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com