Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-LS3528A0S1UWC Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-LS3528A0S1UWC
Description  3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS3528A0S1UWC Datasheet(HTML) 1 Page - BetLux Electronics

  BL-LS3528A0S1UWC Datasheet HTML 1Page - BetLux Electronics BL-LS3528A0S1UWC Datasheet HTML 2Page - BetLux Electronics BL-LS3528A0S1UWC Datasheet HTML 3Page - BetLux Electronics BL-LS3528A0S1UWC Datasheet HTML 4Page - BetLux Electronics BL-LS3528A0S1UWC Datasheet HTML 5Page - BetLux Electronics BL-LS3528A0S1UWC Datasheet HTML 6Page - BetLux Electronics BL-LS3528A0S1UWC Datasheet HTML 7Page - BetLux Electronics BL-LS3528A0S1UWC Datasheet HTML 8Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SMD LED LAMP
BL-LS3528A0S1
APPRO
VED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.5
Page 1 of 8
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package
Mono-color type, Ultra brightness
Compatible with automatic placement equipment
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
PACKAGE: 2KPCS/REEL
RoHs Compliance
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
P
(n
m)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2θ1/2
(deg)
BL-LS3528A0S1UEC
Ultra Red
AlGaAs
630
2.10
2.50
250
320
BL-LS3528A0S1UYO
Ultra Amber
AlGaInP
610
2.10
2.60
500
600
BL-LS3528A0S1UYC
Ultra Yellow
AlGaInP
593
2.10
2.60
500
600
BL-LS3528A0S1UGC
Ultra Green
AlGaInP
575
2.20
2.70
70
80
BL-LS3528A0S1PGC
Ultra Pure Green
InGaN
525
3.10
3.80
1300
1500
BL-LS3528A0S1UBC
Ultra Blue
InGaN
470
3.10
3.80
450
500
BL-LS3528A0S1UWC
Ultra White
InGaN
/
Water
Clear
3.10
3.80
1900
2100
120
Absolute maximum ratings (Ta=25°C)
Parameter
UE
UYO
UY
UG
PG
UB
UW
Unit
Forward Current IF
30
30
30
30
30
30
30
mA
Power Dissipation Pd
78
78
78
78
78
78
78
mW
Reverse Voltage VR
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
100
100
100
100
100
100
100
mA
Operation Temperature TOPR
-30 to +80
°C
Storage Temperature TSTG
-40 to +85
°C
Lead Soldering Temperature
TSOL
Max.260±5°C for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
°C


Similar Part No. - BL-LS3528A0S1UWC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS3528A0S1IR BETLUX-BL-LS3528A0S1IR Datasheet
308Kb / 4P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package, Infrared LED
BL-LS3528A0S1IRAB BETLUX-BL-LS3528A0S1IRAB Datasheet
308Kb / 4P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package, Infrared LED
BL-LS3528A0S1IRAC BETLUX-BL-LS3528A0S1IRAC Datasheet
308Kb / 4P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package, Infrared LED
BL-LS3528A0S1IRBB BETLUX-BL-LS3528A0S1IRBB Datasheet
308Kb / 4P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package, Infrared LED
BL-LS3528A0S1IRBC BETLUX-BL-LS3528A0S1IRBC Datasheet
308Kb / 4P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package, Infrared LED
More results

Similar Description - BL-LS3528A0S1UWC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS3528A0S1IR BETLUX-BL-LS3528A0S1IR Datasheet
308Kb / 4P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package, Infrared LED
BL-LS3528C1S1 BETLUX-BL-LS3528C1S1 Datasheet
324Kb / 8P
   POWER SMD LEDs , 3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package
BL-LS3528A0S1PD BETLUX-BL-LS3528A0S1PD Datasheet
268Kb / 4P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package, SILICON PHOTO DIODES
BL-LS3528B0S2 BETLUX-BL-LS3528B0S2 Datasheet
306Kb / 5P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC4 package
BL-LS3528B1S3 BETLUX-BL-LS3528B1S3 Datasheet
506Kb / 7P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC4 package
BL-LS3014A0S1 BETLUX-BL-LS3014A0S1 Datasheet
274Kb / 4P
   3.0mmx1.4mm SMD, 1.2mm THICKNESS PLCC2 package
BL-LS3020A0S1 BETLUX-BL-LS3020A0S1 Datasheet
327Kb / 8P
   3.0mmx2.0mm SMD, 1.3mm THICKNESS PLCC2 package
BL-LS3014B1S1 BETLUX-BL-LS3014B1S1 Datasheet
358Kb / 8P
   3.0mmx1.4mm SMD, 0.7mm THICKNESS PLCC2 package
BL-LS3535A0S1 BETLUX-BL-LS3535A0S1 Datasheet
512Kb / 8P
   SMD LEDs , 3.5mmx3.5mm SMD, 1.15mm THICKNESS PLCC2 package
logo
Bivar, Inc.
SMS1105OC BIVAR-SMS1105OC Datasheet
1Mb / 5P
   PLCC2 SMD Side View Package LED SMS1105OC, ORANGE
Revision B 02/15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com