Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSI1012XT1G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LSI1012XT1G
Description  N-Channel 1.8-V (G-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LSI1012XT1G Datasheet(HTML) 4 Page - Leshan Radio Company

  LSI1012XT1G_15 Datasheet HTML 1Page - Leshan Radio Company LSI1012XT1G_15 Datasheet HTML 2Page - Leshan Radio Company LSI1012XT1G_15 Datasheet HTML 3Page - Leshan Radio Company LSI1012XT1G_15 Datasheet HTML 4Page - Leshan Radio Company LSI1012XT1G_15 Datasheet HTML 5Page - Leshan Radio Company LSI1012XT1G_15 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS NOTED)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
1
2
3
4
5
0123456
ID = 350 mA
1000
1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD − Source-to-Drain Voltage (V)
VGS − Gate-to-Source Voltage (V)
ID = 200 mA
TJ = 125_C
TJ = 25_C
TJ = −55_C
10
100
−0.3
−0.2
−0.1
−0.0
0.1
0.2
0.3
−50
−25
0
25
50
75
100
125
ID = 0.25 mA
Threshold Voltage Variance vs. Temperature
TJ − Temperature (_C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
−50
−25
0
25
50
75
100
125
IGSS vs. Temperature
TJ − Temperature (_C)
VGS = 4.5 V
0
1
2
3
4
5
6
7
−50
−25
0
25
50
75
100
125
BVGSS vs. Temperature
T − Temperature (_C)
Rev .O 4/6
LSI1012XT1G , S-LSI1012XT1G


Similar Part No. - LSI1012XT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LSI1012XT1G LRC-LSI1012XT1G Datasheet
341Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
More results

Similar Description - LSI1012XT1G_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R Datasheet
50Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
Rev. A, 25-Oct-00
SI1012R VISHAY-SI1012R_05 Datasheet
94Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
SI1012R VISHAY-SI1012R_17 Datasheet
172Kb / 8P
   N-Channel 1.8 V (G-S) MOSFET
Rev. E, 15-Apr-13
logo
Leshan Radio Company
LSI1012LT1G LRC-LSI1012LT1G_15 Datasheet
457Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G_15 Datasheet
398Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012XT1G LRC-LSI1012XT1G Datasheet
341Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R_10 Datasheet
204Kb / 10P
   N-Channel 1.8 V (G-S) MOSFET
Rev. D, 25-Oct-10
logo
Leshan Radio Company
LSI1012LT1G LRC-LSI1012LT1G Datasheet
442Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G Datasheet
323Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
logo
First Silicon Co., Ltd
FTK1012S FS-FTK1012S Datasheet
353Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com