Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUDZS20BT1G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LUDZS20BT1G
Description  Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LUDZS20BT1G Datasheet(HTML) 3 Page - Leshan Radio Company

  LUDZS20BT1G_15 Datasheet HTML 1Page - Leshan Radio Company LUDZS20BT1G_15 Datasheet HTML 2Page - Leshan Radio Company LUDZS20BT1G_15 Datasheet HTML 3Page - Leshan Radio Company LUDZS20BT1G_15 Datasheet HTML 4Page - Leshan Radio Company LUDZS20BT1G_15 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
ELECTRICAL CHARACTERISTICS (Ta=25 C)
Notes) 1. The Zener voltage (Vz) is measured 40ms after power is supplied.
2. The operating resistances (Zz, Zzk) are measured by superimposing a minute alternating current on the regulated current (Iz).
3.600
3.845
5
100
5
1000
1.0
10
1.0
3.890
4.160
5
100
5
1000
1.0
5
1.0
4.170
4.430
5
100
5
1000
1.0
5
1.0
4.550
4.750
5
100
5
800
0.5
2
1.0
4.980
5.200
5
80
5
500
0.5
2
1.5
5.490
5.730
5
60
5
200
0.5
1
2.5
6.060
6.330
5
60
5
100
0.5
1
3.0
Device
VZ(V)
IZ
(mA)
IZ
(mA)
IZ
VR
(V)
6.650
6.930
5
40
5
60
0.5
0.5
3.5
7.280
7.600
5
30
5
60
0.5
0.5
4.0
8.020
8.360
5
30
5
60
0.5
0.5
5.0
8.850
9.230
5
30
5
60
0.5
0.5
6.0
9.770
10.210
5
30
5
60
0.5
0.1
7.0
10.760
11.220
5
30
5
60
0.5
0.1
8.0
11.740
12.240
5
30
5
80
0.5
0.1
9.0
12.910
13.490
5
37
5
80
0.5
0.1
10.0
14.340
14.980
5
42
5
80
0.5
0.1
11.0
15.850
16.510
5
50
5
80
0.5
0.1
12.0
17.560
18.350
5
65
5
80
0.5
0.1
13.0
19.520
20.390
5
85
5
100
0.5
0.1
15.0
21.540
22.470
5
100
5
100
0.5
0.1
17.0
23.720
24.780
5
120
5
120
0.5
0.1
26.190
27.530
5
150
5
150
0.5
0.1
21.0
29.190
30.690
5
200
5
200
0.5
0.1
23.0
32.150
33.790
5
250
5
250
0.5
0.1
25.0
35.070
36.870
5
300
5
300
0.5
0.1
27.0
LUDZS3.6BT1G
LUDZS3.9BT1G
LUDZS4.3BT1G
LUDZS4.7BT1G
LUDZS5.1BT1G
LUDZS5.6BT1G
LUDZS6.2BT1G
LUDZS6.8BT1G
LUDZS7.5BT1G
LUDZS8.2BT1G
LUDZS9.1BT1G
LUDZS10BT1G
LUDZS11BT1G
LUDZS12BT1G
LUDZS13BT1G
LUDZS15BT1G
LUDZS16BT1G
LUDZS18BT1G
LUDZS20BT1G
LUDZS22BT1G
LUDZS24BT1G
LUDZS27BT1G
LUDZS30BT1G
LUDZS33BT1G
LUDZS36BT1G
19.0
ZZ(
Ω)Zzk(Ω)
IR(
µA)
Min.
Max.
Max.
Max.
Max.
(mA)
Zener voltage
Operating
resistance
Rising operating
resistance
Reverse current
2.020
2.200
5
100
5
1000
0.5
120
0.5
2.220
2.410
5
100
5
1000
0.5
120
0.7
2.430
2.630
5
100
5
1000
0.5
100
1.0
2.690
2.910
5
110
5
1000
0.5
100
1.0
3.010
3.220
5
120
5
1000
0.5
50
1.0
3.320
3.530
5
120
5
1000
0.5
20
1.0
LUDZS2.0BT1G
LUDZS2.2BT1G
LUDZS2.4BT1G
LUDZS2.7BT1G
LUDZS3.0BT1G
LUDZS3.3BT1G
LUDZS2.0BT1G Series , S-LUDZS2.0BT1G Series
Rev.C 3/5
Device
Marking
62
72
82
92
A2
02
12
32
42
52
22
C2
E2
F2
H2
J2
L2
15
25
35
45
05
55
65
75
85
95
A5
C5
E5
F5
* Not production
*
*


Similar Part No. - LUDZS20BT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G Datasheet
129Kb / 5P
   Zener Voltage Regulators
LUDZS20BT1G LRC-LUDZS20BT1G Datasheet
133Kb / 5P
   High demand voltage range Steady State Power Rating of 200 mW
logo
Shanghai Leiditech Elec...
LUDZS20BT1G LEIDITECH-LUDZS20BT1G Datasheet
644Kb / 5P
   Zener Voltage Regulators
More results

Similar Description - LUDZS20BT1G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com