Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1076 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1076
Description  Step-Down Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1076 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1076 Datasheet HTML 3Page - Linear Technology LT1076 Datasheet HTML 4Page - Linear Technology LT1076 Datasheet HTML 5Page - Linear Technology LT1076 Datasheet HTML 6Page - Linear Technology LT1076 Datasheet HTML 7Page - Linear Technology LT1076 Datasheet HTML 8Page - Linear Technology LT1076 Datasheet HTML 9Page - Linear Technology LT1076 Datasheet HTML 10Page - Linear Technology LT1076 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT1074/LT1076
7
sn1074 1074fds
Reference Shift with Ripple
Voltage
Feedback Pin Frequency Shift
Supply Current (Shutdown)
Reference Voltage vs
Temperature
Switch “On” Voltage
Error Amplifier Phase and GM
Switching Frequency vs
Temperature
Current Limit vs Temperature*
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT VOLTAGE (V)
0
0
50
100
150
200
250
300
30
50
60
LT1074•TPC13
10
20
40
JUNCTION TEMPERATURE (
°C)
–50
2.19
2.20
2.21
2.22
2.23
2.24
2.25
–25
0
25
50
LT1074•TPC14
2.18
2.17
75
100 125 150
0
3.0
2.5
2.0
1.5
1.0
0.5
12
3
LT1074•TPC28
4
56
SWITCH CURRENT (A)
T = 25
°C
j
LT1074
LT1076
SQUARE
WAVE
PEAK-TO-PEAK RIPPLE AT FB PIN (mV)
0
–80
–70
–60
–50
–40
–30
20
20 40
60 80
LT1074•TPC16
100 120 140 160 180 200
–20
–10
0
10
TRI WAVE
FREQUENCY (Hz)
8k
1k
100k
1M
10M
0
10k
1k
2k
3k
4k
5k
6k
7k
200
150
100
50
0
–50
θ
M
G
–100
–150
–200
LT1074•TPC17
JUNCTION TEMPERATURE (
°C)
–50
80
95
100
105
110
115
120
–25
0
25
50
LT1074•TPC18
90
85
75
100 125 150
FEEDBACK PIN VOLTAGE (V)
0
0
1.0
1.5
3.0
LT1074•TPC19
0.5
2.0
2.5
20
160
40
60
80
100
120
140
–55
°C
25
°C
150
°C
JUNCTION TEMPERATURE (
°C)
1
2
3
4
5
6
7
LT1074•TPC22
8
0
–50 –25
0
25
50
75
100 125 150
*MULTIPLY CURRENTS BY 0.4 FOR LT1076
I
PIN OPEN
LIM
R
= 10k
LIM
R
= 5k
LIM


Similar Part No. - LT1076

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1076 LINER-LT1076 Datasheet
215Kb / 16P
   Step-Down Switching Regulator
LT1076 LINER-LT1076 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
LT1076-5 LINER-LT1076-5 Datasheet
170Kb / 4P
   5V Step-Down Switching Regulator
LT1076-5 LINER-LT1076-5 Datasheet
112Kb / 8P
   5V Step-Down Switching Regulator
LT1076-5 LINER-LT1076-5 Datasheet
118Kb / 8P
   5V Step-Down Switching Regulator
More results

Similar Description - LT1076

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
   Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com